Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 108 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 108 Page - Analog Devices

Back Button AD9175 Datasheet HTML 104Page - Analog Devices AD9175 Datasheet HTML 105Page - Analog Devices AD9175 Datasheet HTML 106Page - Analog Devices AD9175 Datasheet HTML 107Page - Analog Devices AD9175 Datasheet HTML 108Page - Analog Devices AD9175 Datasheet HTML 109Page - Analog Devices AD9175 Datasheet HTML 110Page - Analog Devices AD9175 Datasheet HTML 111Page - Analog Devices AD9175 Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 150 page
background image
AD9175
Data Sheet
Rev. A | Page 108 of 150
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x14B
PRBS
7
PRBS_GOOD_Q
DAC1 good data indicator.
0x0
R
1
Correct PRBS sequence detected.
0
Incorrect sequence detected. Sticky; reset
to 1 by PRBS_RESET.
6
PRBS_GOOD_I
DAC0 good data indicator.
0x0
R
0
Incorrect sequence detected. Sticky; reset
to 1 by PRBS_RESET.
1
Correct PRBS sequence detected.
5
RESERVED
Reserved.
0x0
R
4
PRBS_INV_Q
DAC1 data inversion.
0x1
R/W
0
Expect normal data.
1
Expect inverted data.
3
PRBS_INV_I
DAC0 data inversion.
0x0
R/W
0
Expect normal data.
1
Expect inverted data.
2
PRBS_MODE
Select which PRBS polynomial is used for
the datapath PRBS test.
0x0
R/W
0
7-bit: x7 + x6 + 1.
1
15-bit: x15 + x14 + 1.
1
PRBS_RESET
Reset error counters.
0x0
R/W
0
Normal operation.
1
Reset counters.
0
PRBS_EN
Enable PRBS checker.
0x0
R/W
0
Disable.
1
Enable.
0x14C
PRBS_ERROR_I
[7:0]
PRBS_COUNT_I
DAC0 PRBS error count.
0x0
R
0x14D
PRBS_ERROR_Q
[7:0]
PRBS_COUNT_Q
DAC1 PRBS error count.
0x0
R
0x14E
PRBS_CHANSEL
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
PRBS_CHANSEL
Selects the channel to which the PRBS_
GOOD_x and PRBS_COUNT_x bit field
readbacks correspond.
0x7
R/W
0
Select Channel 0 for PRBS_COUNT_x and
PRBS_GOOD_x (Channel 0, DAC0).
1
Select Channel 1 for PRBS_COUNT_x and
PRBS_GOOD_x (Channel 1, DAC0).
2
Select Channel 2 for PRBS_COUNT_x and
PRBS_GOOD_x (Channel 2, DAC0).
3
Select Channel 3 for PRBS_COUNT_x and
PRBS_GOOD_x (Channel 0, DAC1).
4
Select Channel 4 for PRBS_COUNT_x and
PRBS_GOOD_x (Channel 1, DAC1).
5
Select Channel 5 for PRBS_COUNT_x and
PRBS_GOOD_x (Channel 2, DAC1).
6
OR all channels for PRBS_GOOD_x, sum all
channels for PRBS_COUNT_x.
0x151
DECODE_MODE
[7:5]
RESERVED
Reserved.
0x0
R
4
MSB_SHUFFLE_EN
MSB shuffle control. Set =1 to enable
shuffling the MSBs, or set = 0 to disable
MSB shuffle and use the default (static)
thermometer encoding instead.
0x0
R/W
[3:0]
RESERVED
Reserved.
0x0
R
0x1DE
SPI_ENABLE
[7:2]
RESERVED
Reserved.
0x0
R
1
SPI_EN1
Enable SPI control.
0x1
R/W
0
SPI_EN0
Enable SPI control.
0x1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com