Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 107 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 107 Page - Analog Devices

Back Button AD9175 Datasheet HTML 103Page - Analog Devices AD9175 Datasheet HTML 104Page - Analog Devices AD9175 Datasheet HTML 105Page - Analog Devices AD9175 Datasheet HTML 106Page - Analog Devices AD9175 Datasheet HTML 107Page - Analog Devices AD9175 Datasheet HTML 108Page - Analog Devices AD9175 Datasheet HTML 109Page - Analog Devices AD9175 Datasheet HTML 110Page - Analog Devices AD9175 Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 150 page
background image
Data Sheet
AD9175
Rev. A | Page 107 of 150
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x142
DDSC_ACC_DELTA2
[7:0]
DDSC_ACC_
DELTA[23:16]
Sets DDSC_ACC_DELTA. If DDSC_
MODULUS_EN is high, the main datapath
NCO frequency = fDAC × (DDSC_FTW +
DDSC_ACC_DELTA/DDSC_ACC_
MODULUS)/248. DDSC_ACC_DELTA must
be > 0. DDSC_ACC_DELTA must be >
DDSC_ACC_MODULUS. This control is
paged by the CHANNEL_PAGE bits in
Register 0x008.
0x0
R/W
0x143
DDSC_ACC_DELTA3
[7:0]
DDSC_ACC_
DELTA[31:24]
Sets DDSC_ACC_DELTA. If DDSC_
MODULUS_EN is high, the main datapath
NCO frequency = fDAC × (DDSC_FTW +
DDSC_ACC_DELTA/DDSC_ACC_
MODULUS)/248. DDSC_ACC_DELTA must
be > 0. DDSC_ACC_DELTA must be >
DDSC_ACC_MODULUS. This control is
paged by the CHANNEL_PAGE bits in
Register 0x008.
0x0
R/W
0x144
DDSC_ACC_DELTA4
[7:0]
DDSC_ACC_
DELTA[39:32]
Sets DDSC_ACC_DELTA. If DDSC_
MODULUS_EN is high, the main datapath
NCO frequency = fDAC × (DDSC_FTW +
DDSC_ACC_DELTA/DDSC_ACC_
MODULUS)/248. DDSC_ACC_DELTA must
be > 0. DDSC_ACC_DELTA must be >
DDSC_ACC_MODULUS. This control is
paged by the CHANNEL_PAGE bits in
Register 0x008.
0x0
R/W
0x145
DDSC_ACC_DELTA5
[7:0]
DDSC_ACC_
DELTA[47:40]
Sets DDSC_ACC_DELTA. If DDSC_
MODULUS_EN is high, the main datapath
NCO frequency = fDAC × (DDSC_FTW +
DDSC_ACC_DELTA/DDSC_ACC_
MODULUS)/248. DDSC_ACC_DELTA must
be > 0. DDSC_ACC_DELTA must be >
DDSC_ACC_MODULUS. This control is
paged by the CHANNEL_PAGE bits in
Register 0x008.
0x0
R/W
0x146
CHNL_GAIN0
[7:0]
CHNL_GAIN[7:0]
Sets the scalar channel gain value. This
control is paged by the CHANNEL_PAGE bits
in Register 0x008. Channel gain =
CHNL_GAIN/211.
0x0
R/W
0x147
CHNL_GAIN1
[7:4]
RESERVED
Reserved.
0x0
R
[3:0]
CHNL_GAIN[11:8]
Sets the scalar channel gain value. This
control is paged by the CHANNEL_PAGE bits
in Register 0x008. Channel gain =
CHNL_GAIN/211.
0x8
R/W
0x148
DC_CAL_TONE0
[7:0]
DC_TEST_INPUT_
AMPLITUDE[7:0]
DC test tone amplitude. This value sets the I
path and Q paths amplitudes independently.
Set these bits to 0x50FF for a full-scale tone
and ensure DDSC_EN_DC_INPUT in
Register 0x130 Bit 0 is set to 1. This control
is paged by the CHANNEL_PAGE control in
Register 0x008.
0x0
R/W
0x149
DC_CAL_TONE1
[7:0]
DC_TEST_INPUT_
AMPLITUDE[15:8]
DC test tone amplitude. This value sets the I
path and Q paths amplitudes
independently. Set to 0x50FF for a full-scale
tone and ensure that DDSC_EN_DC_INPUT
(Register 0x130, Bit 0) is set to 1. This
control is paged by the CHANNEL_PAGE
bits in Register 0x008.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com