Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 110 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 110 Page - Analog Devices

Back Button AD9175 Datasheet HTML 106Page - Analog Devices AD9175 Datasheet HTML 107Page - Analog Devices AD9175 Datasheet HTML 108Page - Analog Devices AD9175 Datasheet HTML 109Page - Analog Devices AD9175 Datasheet HTML 110Page - Analog Devices AD9175 Datasheet HTML 111Page - Analog Devices AD9175 Datasheet HTML 112Page - Analog Devices AD9175 Datasheet HTML 113Page - Analog Devices AD9175 Datasheet HTML 114Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 150 page
background image
AD9175
Data Sheet
Rev. A | Page 110 of 150
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x201
PHY_PD
[7:0]
PHY_PD
SPI override to power down the individual
PHYs. Bit 0 controls the SERDIN0± PHY.
0xEE
R/W
Bit 1 controls the SERDIN1± PHY.
Bit 2 controls the SERDIN2± PHY.
Bit 3 controls the SERDIN3± PHY.
Bit 4 controls the SERDIN4± PHY.
Bit 5 controls the SERDIN5± PHY.
Bit 6 controls the SERDIN6± PHY.
Bit 7 controls the SERDIN7± PHY.
0x203
GENERIC_PD
[7:2]
RESERVED
Reserved.
0x0
R
1
PD_SYNCOUT0
Powers down the SYNCOUT0± driver.
0x0
R/W
0
Enables the SYNCOUT0± output pins.
1
Powers down the SYNCOUT0± output pins.
0
PD_SYNCOUT1
Powers down the SYNCOUT1± driver.
0x1
R/W
0
Enables the SYNCOUT1± output pins.
1
Powers down the SYNCOUT1± output pins.
0x206
CDR_RESET
[7:1]
RESERVED
Reserved.
0x0
R
0
CDR_PHY_RESET
PHY reset control bit. Set this bit to 1 to take
the PHYs out of reset during device
operation.
0x0
R/W
0x210
CBUS_ADDR
[7:0]
SERDES_CBUS_
ADDR
SERDES configuration control register to set
SERDES configuration address controls.
0x0
R/W
0x212
CBUS_WRSTROBE_
PHY
[7:0]
SERDES_CBUS_
WR0
SERDES configuration control register to
commit the SERDES configuration controls
written.
0x0
R/W
0x213
CBUS_WRSTROBE_
OTHER
[7:1]
RESERVED
Reserved.
0x0
R
0
SERDES_CBUS_
WR1
SERDES configuration control register to
commit the SERDES configuration controls
written.
0x0
R/W
0x216
CBUS_WDATA
[7:0]
SERDES_CBUS_
DATA
SERDES configuration control register to set
the SERDES configuration control data.
0x0
R/W
0x240
EQ_BOOST_PHY_
3_0
[7:6]
EQ_BOOST_PHY3
Equalizer setting for PHY 3 based on
insertion loss of the system.
0x3
R/W
10
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
[5:4]
EQ_BOOST_PHY2
Equalizer setting for PHY 2 based on
insertion loss of the system.
0x3
R/W
10
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
[3:2]
EQ_BOOST_PHY1
Equalizer setting for PHY 1 based on
insertion loss of the system.
0x3
R/W
10
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
[1:0]
EQ_BOOST_PHY0
Equalizer setting for PHY 0 based on
insertion loss of the system.
0x3
R/W
10
Insertion loss ≤ 11 dB.
11
Insertion loss > 11 dB.
0x234
CDR_BITINVERSE
[7:0]
SEL_IF_
PARDATAINV_DES_
RC_CH
Output data inversion bit controls. Set Bit x
corresponding to PHY x to invert the bit
polarity.
0x66
R/W
0
Not inverted.
1
Inverted.
0x241
EQ_BOOST_PHY_
7_4
[7:6]
EQ_BOOST_PHY7
Equalizer setting for PHY 7 based on
insertion loss of the system.
0x3
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com