Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 129 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 129 Page - Analog Devices

Back Button AD9175 Datasheet HTML 125Page - Analog Devices AD9175 Datasheet HTML 126Page - Analog Devices AD9175 Datasheet HTML 127Page - Analog Devices AD9175 Datasheet HTML 128Page - Analog Devices AD9175 Datasheet HTML 129Page - Analog Devices AD9175 Datasheet HTML 130Page - Analog Devices AD9175 Datasheet HTML 131Page - Analog Devices AD9175 Datasheet HTML 132Page - Analog Devices AD9175 Datasheet HTML 133Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 150 page
background image
Data Sheet
AD9175
Rev. A | Page 129 of 150
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x476
CTRLREG1
[7:5]
RESERVED
Reserved.
0x0
R
4
QUAL_RDERR
Error reporting behavior for concurrent not
in table (NIT) and running disparity (RD)
errors. This control is paged by the
LINK_PAGE control in Register 0x300. Set
this bit to 1. This signal must only be
programmed while the QBD is held in soft
reset (Register 0x475, Bit 3), and must not
be changed during normal operation.
0x1
R/W
0
NIT has no effect on RD error.
1
NIT error masks concurrent with RD error.
[3:1]
RESERVED
Reserved.
0x0
R/W
0
FCHK_N
Checksum calculation method. This control
is paged by the LINK_PAGE control in
Register 0x300. This signal must only be
programmed while the QBD is held in soft
reset (Register 0x475, Bit 3), and must not
be changed during normal operation.
0x0
R/W
0
Checksum is calculated by summing the
individual fields in the link configuration
table as defined in Section 8.3, Table 20 of
the JESD204B standard.
1
Checksum is calculated by summing the
registers containing the packed link
configuration fields (sum of Register 0x450
to Register 0x45A, modulo 256).
0x477
CTRLREG2
7
ILS_MODE
Data link layer test mode is enabled when
this bit is set to 1. CGS pattern is followed
by a perpetual ILAS sequence. This control
is paged by the LINK_PAGE control in
Register 0x300. This signal must only be
programmed while the QBD is held in soft
reset (Register 0x475, Bit 3), and must not
be changed during normal operation.
0x0
R/W
0
Normal mode.
1
CGS pattern is followed by a perpetual ILAS
sequence.
6
RESERVED
Reserved.
0x0
R/W
5
REPDATATEST
Repetitive data test enable using the JTSPAT
pattern. To enable the test, Bit 7 of this
register must = 0. This control is paged by
the LINK_PAGE control in Register 0x300. This
signal must only be programmed while the
QBD is held in soft reset (Register 0x475, Bit
3), and must not be changed during normal
operation.
0x0
R/W
4
QUETESTERR
Queue test error mode. This control is
paged by the LINK_PAGE control in Register
0x300. This signal must only be
programmed while the QBD is held in soft
reset (Register 0x475, Bit 3), and must not
be changed during normal operation.
0x0
R/W
0
When this bit = 0, simultaneous errors on
multiple lanes are reported as one error.
1
Selected when this bit = 1 and when
REPDATATEST = 1. Detected errors from all
lanes are trapped in a counter and
sequentially signaled on SYNCOUTx±.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com