Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 130 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 130 Page - Analog Devices

Back Button AD9175 Datasheet HTML 126Page - Analog Devices AD9175 Datasheet HTML 127Page - Analog Devices AD9175 Datasheet HTML 128Page - Analog Devices AD9175 Datasheet HTML 129Page - Analog Devices AD9175 Datasheet HTML 130Page - Analog Devices AD9175 Datasheet HTML 131Page - Analog Devices AD9175 Datasheet HTML 132Page - Analog Devices AD9175 Datasheet HTML 133Page - Analog Devices AD9175 Datasheet HTML 134Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 150 page
background image
AD9175
Data Sheet
Rev. A | Page 130 of 150
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
3
AR_ECNTR
Automatic reset of error counter. The error
counter that causes assertion of
SYNCOUTx± is automatically reset to 0
when AR_ECNTR = 1. All other counters are
unaffected. This control is paged by the
LINK_PAGE control in Register 0x300. This
signal must only be programmed while the
QBD is held in soft reset (Register 0x475, Bit
3), and must not be changed during normal
operation.
0x0
R/W
[2:0]
RESERVED
Reserved.
0x0
R
0x478
KVAL
[7:0]
KSYNC
Number of 4 × K multiframes during ILAS.
This control is paged by the LINK_PAGE
control in Register 0x300. This signal must
only be programmed while the QBD is held
in soft reset (Register 0x475, Bit 3), and
must not be changed during normal
operation.
0x1
R/W
0x47C
ERRORTHRES
[7:0]
ETH
Error counter threshold value. These bits set
when a SYNCOUTx± error or IRQx interrupt
is sent due to BD, NIT, or UEK errors. This
control is paged by the LINK_PAGE control
in Register 0x300. This signal must only be
programmed while the QBD is held in soft
reset (Register 0x475, Bit 3), and must not
be changed during normal operation.
0xFF
R/W
0x47D
SYNC_ASSERT_
MASK
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
SYNC_ASSERT_
MASK
SYNCOUTx± assertion enable mask for BD,
NIT, and UEK error conditions. This control is
paged by the LINK_PAGE control in Register
0x300. Active high, SYNCOUTx±assertion
enable mask for BD, NIT, and UEK error
conditions, respectively. When an error
counter, in any lane, has reached the error
threshold count, ETH[7:0], and the
corresponding SYNC_ASSERT_MASK bit is
set, SYNCOUTx± is asserted. The mask bits
are as follows (the bit sequence is reversed
with respect to the other error count
controls and the error counters):
0x7
R/W
Bit 2 = bad disparity error (BDE).
Bit 1 = not in table error (NIT).
Bit 0 = unexpected K character error (UEK).
0x480
ECNT_CTRL0
[7:6]
RESERVED
Reserved.
0x0
R
[5:3]
ECNT_ENA0
Error counter enables for Lane 0. This
control is paged by the LINK_PAGE control
in Register 0x300. Counters of each lane are
addressed as follows:
0x7
R/W
Bit 5 = unexpected K character error (UEK).
Bit 4 = not in table error (NIT).
Bit 3 = bad disparity error (BDE).
[2:0]
ECNT_RST0
Reset error counters for Lane 0. This control
is paged by the LINK_PAGE control in
Register 0x300. Counters of each lane are
addressed as follows:
0x7
R/W
Bit 2 = bad disparity error (BDE).
Bit 1 = not in table error (NIT).
Bit 0 = unexpected K character error (UEK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com