Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 67 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 67 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 63Page - Intel Corporation LXT975B Datasheet HTML 64Page - Intel Corporation LXT975B Datasheet HTML 65Page - Intel Corporation LXT975B Datasheet HTML 66Page - Intel Corporation LXT975B Datasheet HTML 67Page - Intel Corporation LXT975B Datasheet HTML 68Page - Intel Corporation LXT975B Datasheet HTML 69Page - Intel Corporation LXT975B Datasheet HTML 70Page - Intel Corporation LXT975B Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
67
Table 48. Auto Negotiation Advertisement Register (Address 4)
Bit
Name
Description
Type 1
Default
4.15
Next Page
Not supported.
RO
0
4.14
Reserved
Ignore.
RO
0
4.13
Remote Fault
1 = Remote fault.
0 = No remote fault.
R/W
0
4.12:11
Reserved
Ignore.
R/W
0
4.10
Pause
1 = Pause operation is enabled for full-duplex links.
0 = Pause operation is disabled.
R/W
0
4.9
100BASE-T4
1 = 100BASE-T4 capability is available.
0 = 100BASE-T4 capability is not available.
(The LXT974/975 does not support 100BASE-T4 but allows this bit to be
set to advertise in the Auto-Negotiation sequence for 100BASE-T4
operation. An external 100BASE-T4 transceiver could be switched in if this
capability is desired.)
R/W
0
4.8
100BASE-TX
full-duplex
1 = Port is 100BASE-TX full-duplex capable.
0 = Port is not 100BASE-TX full-duplex capable.
R/W
Note 2
4.7
100BASE-TX
1 = Port is 100BASE-TX capable.
0 = Port is not 100BASE-TX capable.
R/W
Note 3
4.6
10BASE-T
full-duplex
1 = Port is 10BASE-T full-duplex capable.
0 = Port is not 10BASE-T full-duplex capable.
R/W
Note 4
4.5
10BASE-T
1 = Port is 10BASE-T capable.
0 = Port is not 10BASE-T capable.
R/W
Note 5
4.4:0
Selector Field,
S<4:0>
<00001> = IEEE 802.3.
<00010> = IEEE 802.9 ISLAN-16T.
<00000> = Reserved for future Auto-Negotiation development.
<11111> = Reserved for future Auto-Negotiation development.
Unspecified or reserved combinations should not be transmitted.
R/W
00001
1. R/W = Read/Write
RO = Read Only
2. The default value of bit 4.8 is determined by FDE ANDed with CFG_2.
3. The default value of bit 4.7 is determined by CFG_2.
4. The default value of bit 4.6 is determined by FDE AND’ed with CFG_1.
5. The default value of bit 4.5 is determined by CFG_1.
Table 49. Auto Negotiation Link Partner Ability Register (Address 5)
Bit
Name
Description
Type 1
Default
5.15
Next Page
1 = Link Partner has ability to send multiple pages.
0 = Link Partner has no ability to send multiple pages.
RO
N/A
5.14
Acknowledge
1 = Link Partner has received Link Code Word from LXT974/975.
0 = Link Partner has not received Link Code Word from the
LXT974/975.
RO
N/A
5.13
Remote Fault
1 = Remote fault.
0 = No remote fault.
RO
N/A
5.12:11
Reserved
Ignore.
RO
N/A
1. RO = Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com