Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 43 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 43 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 39Page - Intel Corporation LXT975B Datasheet HTML 40Page - Intel Corporation LXT975B Datasheet HTML 41Page - Intel Corporation LXT975B Datasheet HTML 42Page - Intel Corporation LXT975B Datasheet HTML 43Page - Intel Corporation LXT975B Datasheet HTML 44Page - Intel Corporation LXT975B Datasheet HTML 45Page - Intel Corporation LXT975B Datasheet HTML 46Page - Intel Corporation LXT975B Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
43
3.2
Magnetics Information
The LXT974/975 requires a 1:1 ratio for the receive transformers and a 2:1 ratio for the transmit
transformers as shown in Table 21. The transformer isolation voltage should be rated at 2 kV to
protect the circuitry from static voltages across the connectors and cables.
Refer to the Magnetic Manufacturers Cross Reference Guide (Application Note 73) for a list of
suitable magnetic manufacturers and part numbers. The latest version is located on the Intel web
site (http://developer.intel.com/design/network/). Suitable Magnetic part numbers are provided as a
reference only. Before committing to a specific component, designers should contact the
manufacturer for current product specifications, and validate the magnetics for a specific
application.
3.2.1
Magnetics With Improved Return Loss Performance
Intel is working with magnetic vendors to develop magnetic modules with improved return loss
characteristics. These improved magnetics simplify the design requirements for meeting ANSI
X3.263 return loss specifications.
Table 21. Magnetics Requirements
Parameter
Min
Nom
Max
Units
Test Condition
Rx turns ratio
–
1 : 1
––
Tx turns ratio
–
2 : 1
––
Insertion loss
0.0
–
1.1
dB
80 MHz
Primary inductance
350
––
µH
Transformer isolation
–
2
–
kV
Differential to common mode rejection
40
––
dB
.1 to 60 MHz
35
––
dB
60 to 100 MHz
Return Loss - Standard
––
-16
dB
30 MHz
––
-10
dB
80 MHz
Return Loss - Improved
––
-20
dB
30 MHz
––
-15
dB
80 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com