Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 73 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 73 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 66Page - Intel Corporation LXT975B Datasheet HTML 67Page - Intel Corporation LXT975B Datasheet HTML 68Page - Intel Corporation LXT975B Datasheet HTML 69Page - Intel Corporation LXT975B Datasheet HTML 70Page - Intel Corporation LXT975B Datasheet HTML 71Page - Intel Corporation LXT975B Datasheet HTML 72Page - Intel Corporation LXT975B Datasheet HTML 73Page - Intel Corporation LXT975B Datasheet HTML 74Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
73
6.0
Package Specification
Figure 41. LXT974/975 Package Specification
A
1
A
2
L
A
B
L
1
θ
3
θ
3
θ
D
D
1
E
E
1
e/
2
e
NOTE:
1. All dimensions are in millimeters.
2. This package conforms to JEDEC publication 95
registration MS-022, variation DD-1.
3. Datum plane -H- located at mold parting line and is
coincident with leads where leads exit plastic body at
bottom of parting line.
4. Measured at seating plane -C-.
5. Measured at datum plane -H-.
6. Dimensions D1 and E1 do not include mold protrusion.
Allowable mold protrusion is 0.254 mm.
7. Package top dimensions are smaller than bottom
dimensions. Top of package will not overhang bottom of
package.
8. Dimension b does not include dambar protrusion.
Allowable dambar protrusion is no more than 0.08 mm.
Table 56. QUAD FLAT PACKAGE
Dim.
All Dimensions in millimeters
Min.
Typ.
Max.
Notes
A
---
3.70
4.07
A1
0.25
0.33
---
A2
3.20
3.37
3.60
D
31.20 BSC
5
D1
28.00 BSC
6, 7, 8
E
31.20 BSC
5
E1
28.00 BSC
6, 7, 8
L
0.73
0.88
1.03
M
---
---
---
b
0.22
---
0.38
8
e
0.65 BSC
160-Pin PQFP with Heat Spreader
• (Commercial Temp 0 - 70oC)
• Part Number LXT974AHC
• Part Number LXT975AHC
• Part Number LXT974BHC
• Part Number LXT975BHC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com