Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 35 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 35 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 31Page - Intel Corporation LXT975B Datasheet HTML 32Page - Intel Corporation LXT975B Datasheet HTML 33Page - Intel Corporation LXT975B Datasheet HTML 34Page - Intel Corporation LXT975B Datasheet HTML 35Page - Intel Corporation LXT975B Datasheet HTML 36Page - Intel Corporation LXT975B Datasheet HTML 37Page - Intel Corporation LXT975B Datasheet HTML 38Page - Intel Corporation LXT975B Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
35
2.5.5
PMA Sublayer
2.5.5.1
Link
The LXT974/975 supports a Standard link algorithm or Enhanced link algorithm, which can be set
via bit 16.1. Link is established when the symbol error rate is less than 64 errors out of 1024
symbols received. Once the link is established:
When standard link algorithm is selected (default, bit 16.1 = 0), the link goes down when the
symbol error rate becomes greater than 64 out of 1024.
When enhanced link algorithm is selected (bit 16.1 = 1), the link goes down if twelve idle
symbols in a row are not received within 1 to 2 ms. This mode makes it more difficult to bring the
link down.
In either mode, the LXT974/975 reports link failure via the MII status bits (1.2, 18.15, and 20.13)
and interrupt functions. If auto-negotiate is enabled, link failure causes the LXT974/975 to re-
negotiate.
2.5.5.2
Link Failure Override
The LXT974/975 normally transmits 100 Mbps data packets or Idle symbols only if it detects the
link is up, and transmits only FLP bursts if the link is not up. Setting bit 19.14 = 1 overrides this
function, allowing the LXT974/975 to transmit data packets even when the link is down. This
feature is provided as a diagnostic tool. Note that auto-negotiation must be disabled to transmit data
packets in the absence of link. If auto-negotiation is enabled, the LXT974/975 automatically
begins transmitting FLP bursts if the link goes down.
2.5.5.3
Carrier Sense (CRS)
For 100TX and 100FX links, a start of stream delimiter or /J/K symbol pair causes assertion of
carrier sense (CRS). An end-of-stream delimiter, or /T/R symbol pair causes de-assertion of CRS.
The PMA layer also de-asserts CRS if IDLE symbols are received without /T/R; however, in this
case RX_ER is asserted for one clock cycle when CRS is de-asserted.
For 10T links, CRS assertion is based on reception of valid preamble, and de-assertion on reception
of an end-of-frame (EOF) marker.
2.5.6
Twisted-Pair PMD Sublayer
The twisted-pair Physical Medium Dependent (PMD) layer provides the signal scrambling and
descrambling, line coding and decoding (MLT-3 for 100TX, Manchester for 10T), as well as
receiving, polarity correction, and baseline wander correction functions.
2.5.6.1
Scrambler/Descrambler (100TX Only)
The purpose of the scrambler is to spread the signal power spectrum and further reduce EMI using
an 11-bit, non-data-dependent polynomial. The receiver automatically decodes the polynomial
whenever IDLE symbols are received.
The scrambler/descrambler can be bypassed by either setting bit 19.3 = 1 or setting pin (BYPSCR)
High. The scrambler is automatically bypassed when the fiber port is enabled. Scramber bypass is
provided for diagnostic and test support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com