Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 57 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 57 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 53Page - Intel Corporation LXT975B Datasheet HTML 54Page - Intel Corporation LXT975B Datasheet HTML 55Page - Intel Corporation LXT975B Datasheet HTML 56Page - Intel Corporation LXT975B Datasheet HTML 57Page - Intel Corporation LXT975B Datasheet HTML 58Page - Intel Corporation LXT975B Datasheet HTML 59Page - Intel Corporation LXT975B Datasheet HTML 60Page - Intel Corporation LXT975B Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
57
Figure 30. MII - 10BASE-T Receive Timing
Table 35. MII - 10BASE-T Receive Timing Parameters
Parameter
Sym
Min
Typ
1
Max
Units
RXD, RX_DV, RX_ER setup to RX_CLK High
t1
10
––
ns
RXD, RX_DV, RX_ER hold from RX_CLK High
t2
10
––
ns
TPI in to RXD out (Rx latency)
t3
––
732
BT
CRS asserted to RXD, RX_DV, RX_ER asserted
t4
0
–
692
BT
RXD, RX_DV, RX_ER de-asserted to CRS de-asserted
t5
0
2.5 - 5.5
6
BT
TPI in to CRS asserted
t6
0
4
5
BT
TPI quiet to CRS de-asserted
t7
0
18
19
BT
TPI in to COL asserted
t8
0
4
5
BT
TPI quiet to COL de-asserted
t9
0
18
19
BT
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. CRS is asserted. RXD/RX_DV are driven at the start of SFD (64 BT).
RX_CLK
RXD,
RX_DV,
RX_ER
CRS
TPI
t3
t4
t2
t6
t1
t7
t5
COL
t8
t9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com