Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 16 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 16 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 12Page - Intel Corporation LXT975B Datasheet HTML 13Page - Intel Corporation LXT975B Datasheet HTML 14Page - Intel Corporation LXT975B Datasheet HTML 15Page - Intel Corporation LXT975B Datasheet HTML 16Page - Intel Corporation LXT975B Datasheet HTML 17Page - Intel Corporation LXT975B Datasheet HTML 18Page - Intel Corporation LXT975B Datasheet HTML 19Page - Intel Corporation LXT975B Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
16
Datasheet
Table 8.
LXT974 and LXT975 Hardware Control Interface Signal Descriptions
Pin#
Symbol
Type1
Signal Description2
116
CFG_0
(Global)
I
Configuration Control 0.
When A/N is enabled, Low to High transition on CFG_0 causes auto-negotiate to restart on
all ports and 0.9 = 1.
When A/N is disabled, this input selects operating speed and directly affects bit 0.13.
When CFG_0 is High, 100 Mbps is selected and bit 0.13 = 1.
When CFG_0 is Low, 10 Mbps is selected and bit 0.13 = 0.
115
CFG_1
(Global)
I
Configuration Control 1.
When A/N is enabled, CFG_1 determines operating speed advertisement capabilities in
combination with CFG_2 and FDE on all ports. See Table 16 on page 26 for details.
When A/N is disabled, CFG_1 enables 10 Mbps link test and directly affects bit 19.8.
When CFG_1 is High, 10 Mbps link test is disabled and bit 19.8 = 1.
When CFG_1 is Low, 10 Mbps link test is enabled and bit 19.8 = 0.
114
CFG_2
(Global)
I
Configuration Control 2.
When A/N is enabled, CFG_2 determines operating speed advertisement capabilities in
combination with CFG_1 on all ports. See Table 16 on page 26 for details.
When A/N is disabled, this input selects either TP or FX interface. When FX interface is
selected, the LXT974/975 automatically disables the scrambler. For correct FX operation,
100 Mbps operation must also be selected.
Note: It is recommended to set the network interface for each port independently, via the SD/
TPn pins. See Table 1 and Table 4 for Signal Detect / TP Select signal descriptions and
operation.
When CFG_2 is Low, TP is enabled and bit 19.2 = 0.
When CFG_2 is High, FX is enabled and bit 19.2 = 1.
110
FDE
(Global)
I
Full-Duplex Enable - All Ports.
When High, enables full-duplex operation on all ports.
117
FDE_FX
I
Full-Duplex Enable - FX Ports only.
When High, enables full-duplex operation on all ports set for FX mode operation. This pin is
ignored on ports set for TP mode.
113
BYPSCR
(Global)
I
Bypass Scrambler.
In TP mode, enables or bypasses Scrambler operation and directly affects MDIO
register bit 19.3.
When High, Scrambler is bypassed and bit 19.3 = 1.
When Low, Scrambler is enabled and bit 19.3 = 0.
In FX mode, the LXT974/975_ automatically bypasses the Scrambler. This pin has no
effect selecting Scrambler bypass.
111
AUTOENA
(Global)
I
Auto-Negotiation Enable. When High, enables auto-negotiation on all ports.
1. Type Column Coding: I = Input, O = Output, OD = Open Drain.
2. The LXT974/975 supports the 802.3 MDIO register set. Specific bits in the registers are referenced using an “X.Y” notation,
where X is the register number (0-6 or 16-20) and Y is the bit number (0-15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com