Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 52 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 52 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 48Page - Intel Corporation LXT975B Datasheet HTML 49Page - Intel Corporation LXT975B Datasheet HTML 50Page - Intel Corporation LXT975B Datasheet HTML 51Page - Intel Corporation LXT975B Datasheet HTML 52Page - Intel Corporation LXT975B Datasheet HTML 53Page - Intel Corporation LXT975B Datasheet HTML 54Page - Intel Corporation LXT975B Datasheet HTML 55Page - Intel Corporation LXT975B Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
52
Datasheet
Table 29. 100BASE-FX Transceiver Characteristics
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Transmitter
Peak differential output voltage
(single ended)
VOP
0.6
–
1.5
V
–
Signal rise/fall time
TRF
––
1.6
ns
10 <–> 90%
2.0 pF load
Jitter (measured differentially)
––
–
1.3
ns
–
Receiver
Peak differential input voltage
VIP
0.55
–
1.5
V
–
Common mode input range
VCMIR
2.25
–
VCC - 0.5
V
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
Table 30. 10BASE-T Transceiver Characteristics
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Transmitter
Peak differential
output voltage
VOP
2.2
2.5
2.8
V
With specified transformer, line
replaced by 100
Ω (±1%) resistor
Link transmit period
–
8
–
24
ms
–
Transmit timing jitter added by the
MAU and PLS sections2,3
–
02
11
ns
After line model specified by IEEE
802.3 for 10BASE-T MAU
Receiver
Receive input impedance2
ZIN
–
3.6
–
k
Ω
Between TPIP and TPIN
Link min receive
–
2
–
7ms
–
Link max receive
–
50
–
150
ms
–
Time link loss receive
–
50
–
150
ms
–
Differential squelch threshold
VDS
300
390
585
mV Peak
5 MHz square wave input
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. Parameter is guaranteed by design; not subject to production testing.
3. IEEE 802.3 specifies maximum jitter addition at 1.5 ns for the AUI cable, 0.5 ns from the encoder, and 3.5 ns from the MAU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com