Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 15 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 15 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 11Page - Intel Corporation LXT975B Datasheet HTML 12Page - Intel Corporation LXT975B Datasheet HTML 13Page - Intel Corporation LXT975B Datasheet HTML 14Page - Intel Corporation LXT975B Datasheet HTML 15Page - Intel Corporation LXT975B Datasheet HTML 16Page - Intel Corporation LXT975B Datasheet HTML 17Page - Intel Corporation LXT975B Datasheet HTML 18Page - Intel Corporation LXT975B Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
15
27
46
65
83
RX_DV0
RX_DV1
RX_DV2
RX_DV3
O
Receive Data Valid - Ports 0 - 3. These signals are synchronous to the respective
RX_CLKn. Active High indication that received code group maps to valid data.
29
48
67
85
RX_ER0
RX_ER1
RX_ER2
RX_ER3
O
Receive Error - Ports 0 - 3. These signals are synchronous to the respective RX_CLKn.
Active High indicates that received code group is invalid, or that PLL is not locked.
28
47
66
84
RX_CLK0
RX_CLK1
RX_CLK2
RX_CLK3
O
Receive Clock - Ports 0 - 3. 25 MHz for 100 Mbps and 2.5 MHz for 10 Mbps.
37
57
75
93
COL0
COL1
COL2
COL3
O
Collision Detected - Ports 0 - 3. Active High outputs asserted upon detection of a collision.
Remain High for the duration of the collision. These signals are generated asynchronously.
Inactive during full-duplex operation.
38
58
76
94
CRS0
CRS1
CRS2
CRS3
O
Carrier Sense - Ports 0 - 3. Active High signals. During half-duplex operation
(bit 0.8 = 0), CRSn is asserted when either transmit or receive medium is non-idle. During
full-duplex operation (bit 0.8 = 1), CRSn is asserted only when the receive medium is non-
idle.
MII Control Interface Pins
97
MDIO
I/O
Management Data Input/Output. Bidirectional serial data channel for PHY/STA
communication.
98
MDINT
OD
Management Data Interrupt. An active Low output on this pin indicates status change.
Interrupt is cleared by sequentially reading Register 1, then Register 18.
99
MDC
I
Management Data Clock. Clock for the MDIO serial data channel.
Maximum frequency is 2.5 MHz.
100
MDDIS
I
Management Disable.
When MDDIS is High, the MDIO is restricted to Read Only and the Hardware Control
Interface pins provide continual control of their respective bits.
When MDDIS is Low at power up or Reset, the Hardware Control Interface pins control only
the initial or “default” values of their respective register bits. After the power-up/reset cycle is
complete, bit control reverts to the MDIO serial channel.
106
105
104
103
TRSTE0
TRSTE1
TRSTE2
TRSTE3
I
Tristate - Ports 0 - 3. This bit controls bit 0.10 (Isolate bit). When TRSTEn is High, the
respective port isolates itself from the MII Data Interface.
When MDDIS is High, TRSTE provides continuous control over bit 0.10.
When MDDIS is Low, TRSTE sets the initial (default) value of bit 0.10 at Reset and then bit
control reverts back to the MDIO interface.
Table 7.
LXT974 and LXT975 MII Signal Descriptions (Continued)
Pin#3
Symbol
Type1
Signal Description2
1. Type Column Coding: I = Input, O = Output, OD = Open Drain
2. The LXT974/975 supports the 802.3 MDIO register set. Specific bits in the registers are referenced using an “X.Y” notation,
where X is the register number (0-6 or 16-20) and Y is the bit number (0-15).
3. Unused pins should be tied Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com