Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 47 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 47 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 43Page - Intel Corporation LXT975B Datasheet HTML 44Page - Intel Corporation LXT975B Datasheet HTML 45Page - Intel Corporation LXT975B Datasheet HTML 46Page - Intel Corporation LXT975B Datasheet HTML 47Page - Intel Corporation LXT975B Datasheet HTML 48Page - Intel Corporation LXT975B Datasheet HTML 49Page - Intel Corporation LXT975B Datasheet HTML 50Page - Intel Corporation LXT975B Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
47
Figure 23. Typical Twisted-Pair Interface and Supply Filtering
TPIP
TPIN
RJ-45
TPOP
TPON
75
Ω
VCCT
GNDT
75
Ω
0.1
µF
0.001
µF/2kV
.01
µF
1
50
Ω
1%
50
Ω
1%
0.1
µF
GNDR
3
6
1
2
1:1
2:1
LXT974/975
Output Stage with
Compensating Inductor
200
Ω
1%
200
Ω
1%
320 nH
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
4
5
8
7
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com