Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 71 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 71 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 66Page - Intel Corporation LXT975B Datasheet HTML 67Page - Intel Corporation LXT975B Datasheet HTML 68Page - Intel Corporation LXT975B Datasheet HTML 69Page - Intel Corporation LXT975B Datasheet HTML 70Page - Intel Corporation LXT975B Datasheet HTML 71Page - Intel Corporation LXT975B Datasheet HTML 72Page - Intel Corporation LXT975B Datasheet HTML 73Page - Intel Corporation LXT975B Datasheet HTML 74Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
71
19.3
Scrambler
Bypass
(100BASE-T
only)
1 = Bypass transmit scrambler and receive descrambler.
0 = Normal operation (scrambler and descrambler enabled).
R/W
Note 3
19.2
100BASE-FX
1 = Enable 100BASE fiber interface.
0 = Enable 100BASE twisted pair interface.
R/W
Note 4
19.1
Reserved
Write as 0; ignore on read.
R/W
0
19.0
Transmit
Disconnect
1 = Disconnect TP transmitter from line.
0 = Normal operation.
R/W
0
Table 55. Port Status Register (Address 20, Hex 14)
Bit
Name
Description
Type 1
Default
20.15:14
Reserved
Write as 0, ignore on read.
R/W
N/A
20.13
Link
1 = Link is up.
0 = Link is down.
Link bit 20.13 is a duplicate of bit 1.2, except that it is a dynamic
indication, whereas bit 1.2 latches Low.
RO
0
20.12
Duplex
Mode
1 = Full-Duplex.
0 = Half-Duplex.
RO
Note 2
20.11
Speed
1 = 100 Mbps operation.
0 = 10 Mbps operation.
RO
Note 2
20.10
Reserved
Ignore.
RO/LH
N/A
20.9
Auto-Negotiation
Complete
1 = Auto-negotiation process complete.
0 = Auto-negotiation process not complete.
Auto-Negotiation Complete bit 20.9 is a duplicate of bit 1.5.
RO/LH
0
20.8
Page
Received
1 = Three identical and consecutive link code words received.
0 = Three identical and consecutive link code words not received.
Page Received bit 20.8 is a duplicate of bit 6.1.
RO/LH
0
20:7
Reserved
Write as 0, ignore on read.
R/W
0
20.6
Stream cipher
lock (100BASE-
TX only)
1 = Stream cipher locked.
0 = Stream cipher not locked.
RO
0
20.5
Symbol Error
1 = Symbol error detected.
0 = No symbol error detected.
RO/
LH
N/A
1. R/W = Read /Write
RO = Read Only
LH = Latching High
2. Bits 20.12 and 20.11 reflect the current operating mode of the LXT974/975.
Table 54. Port Configuration Register (Address 19, Hex 13) (Continued)
Bit
Name
Description
Type 1
Default
1. R/W = Read/Write
2. If auto-negotiation is disabled, the default value of bit 19.8 is determined by pin 115 (CFG_1). If CFG_1 is High, the default
value of
bit 19.8 = 1.
If CFG_1 is Low, the default value of bit 19.8 = 0. If auto-negotiation is enabled, the default value of bit 19.8 = 0.
3. The default value of bit 19.3 is determined by BYPSCR. If BYPSCR is High, the default value of bit 19.3 = 1.
If BYPSCR is Low, the default value of bit 19.3 = 0.
4. The default value of bit 19.2 is determined by the SD/TPn pin for the respective port.
If SD/TPn is tied Low, the default value of bit 19.2 = 0. If SD/TPn is not tied Low, the default value of bit 19.2 = 1.
On the LXT975, this bit is ignored on ports 0 and 2 that operate in twisted-pair mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com