Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 38 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 38 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 34Page - Intel Corporation LXT975B Datasheet HTML 35Page - Intel Corporation LXT975B Datasheet HTML 36Page - Intel Corporation LXT975B Datasheet HTML 37Page - Intel Corporation LXT975B Datasheet HTML 38Page - Intel Corporation LXT975B Datasheet HTML 39Page - Intel Corporation LXT975B Datasheet HTML 40Page - Intel Corporation LXT975B Datasheet HTML 41Page - Intel Corporation LXT975B Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
38
Datasheet
2.7.1
Serial LED Output
The LXT974/975 provides a serial LED interface which should be attached to an external shift
register. This interface provides 24 status bits (6 x 4 ports). Each port reports the following
conditions:
• Transmit (T)
0 = Transmit active
1 = Transmit inactive
• Receive (R)
0 = Receive active
1 = Receive inactive
• Link (L)
0 = Link active
1 = Link inactive
• Duplex (D)
0 = Half-Duplex
1 = Full-Duplex
• Speed (S)
0 = 100 Mbps
1 = 10 Mbps
• Collision (C)
0 = Collision active
1 = Collision inactive
LED Data is output on LEDDAT in sets of 24 bits. The serial burst is repeated every 1 ms. A
status change in any bit also triggers an immediate serial burst (following the minimum inter-burst
gap of 10
µs). LEDENA is driven High for the duration of the LEDDAT output.
2.7.2
Per Port LEDs
The LXT974/975 provides three LED outputs for each port (LEDn_0, LEDn_1 and LEDn_2,
where n = port number). These outputs can directly drive LEDs to indicate activity and collision
status. The active Low “on” times are normally extended for improved LED visibility. The on-
time extension can be disabled by setting bit 16.0 = 1.
2.7.2.1
LEDn_0
In default mode, LED_0 indicates transmitter active. However, LEDn_0 is programmable and may
also be set to indicate receiver active, link, or full-duplex status. Refer to LED Configuration
Register, Table 51 on page 68, for details on programming options.
2.7.2.2
LEDn_1
In default mode, LED_1 indicates receiver active. However, LEDn_1 is programmable and may
also be set to indicate link status, full-duplex status or operating speed. Refer to LED
Configuration Register, Table 51 on page 68, for details on programming options.
2.7.2.3
LEDn_2
In default mode, active Low output indicates link up. However, LEDn_2 is programmable and
may also be set to indicate full-duplex status, operating speed or collision. Refer to LED
Configuration Register, Table 51 on page 68, for details on programming options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com