Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 9 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 9 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 5Page - Intel Corporation LXT975B Datasheet HTML 6Page - Intel Corporation LXT975B Datasheet HTML 7Page - Intel Corporation LXT975B Datasheet HTML 8Page - Intel Corporation LXT975B Datasheet HTML 9Page - Intel Corporation LXT975B Datasheet HTML 10Page - Intel Corporation LXT975B Datasheet HTML 11Page - Intel Corporation LXT975B Datasheet HTML 12Page - Intel Corporation LXT975B Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
9
Figure 1. LXT974/975 Block Diagram
Global Functions
Tristate Control
Decoder &
Descrambler
RXDn<3:0>
TPON/FIBIPn
TPOP/FIBINn
+
-
+
-
TPIN/FIBONn
TPIP/FIBOPn
+
-
TP
Rcvr
+
-
ECL
Rcvr
Serial to
Parallel
Converter
Scrambler
& Encoder
TXDn<3:0>
Parallel/Serial
Converter
TX_ERn
TX_ENn
Carrier Sense
Collision Detect
Data Valid
Error Detect
COLn
CRSn
RX_ERn
RX_DVn
RX_CLKn
FDX Status
& LED
Drivers
TRSTEn
LEDn<2:0>
3
Clock
Generator
Auto
Negotiation
Baseline
Wander
Correction
Pwr Supply /
PwrDown
PWRDN
Slicer
Manchester
Decoder
Pulse
Shaper
Manchester
Encoder
10
100
10
100
Internal Clocks
CLK25M
Media Select &
Line Energy Monitor
PORT 0
PORT 1
PORT 2
PORT 3
VCC
GND
Management /
Mode Select
Logic
MII
MII
SerLED
Per-Port Functions
TP
Driver
ECL
Driver
TP Out
/
Fiber In
Fiber Out
/
TP In
3
TX_CLKn
SD/TXn
Register Set
RESET
LEDENA
LEDCLK
LEDDAT
MII_MD<1:0>
ADDR<4:2>
MDIO
MDC
CFG<2:0>
MDINT
VCCMII
MII Power
Supply
3.3V or 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com