Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 24 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 24 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 20Page - Intel Corporation LXT975B Datasheet HTML 21Page - Intel Corporation LXT975B Datasheet HTML 22Page - Intel Corporation LXT975B Datasheet HTML 23Page - Intel Corporation LXT975B Datasheet HTML 24Page - Intel Corporation LXT975B Datasheet HTML 25Page - Intel Corporation LXT975B Datasheet HTML 26Page - Intel Corporation LXT975B Datasheet HTML 27Page - Intel Corporation LXT975B Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
24
Datasheet
Collision
The LXT974/975 asserts its collision signal, asynchronously to any clock, whenever the line state
is half-duplex and the transmitter and receiver are active at the same time. Table 14 summarizes the
conditions for assertion of carrier sense, collision, and data loopback signals.
2.2.2.2
MII Management Interface
The LXT974/975 supports the IEEE 802.3 MII Management Interface also known as the
Management Data Input/Output (MDIO) Interface. This interface allows upper-layer devices to
monitor and control the state of the LXT974/975. The MDIO interface consists of a physical
connection, a specific protocol that runs across the connection, and an internal set of addressable
registers. Some registers are required and their functions are defined by the IEEE 802.3
specification. Additional registers are allowed for expanded functionality. The LXT974/975 is
configured with both sets of registers.
The physical interface consists of a data line (MDIO) and clock line (MDC). Operation of this
interface is controlled by the MDDIS input pin. When MDDIS is High, the MDIO operates as a
read-only interface. When MDDIS is Low, both read and write are enabled. The timing for the
MDIO Interface is shown in Table 40 on page 61. The protocol is shown in Figure 8 and Figure 9
(read and write). The protocol allows one controller to communicate with up to eight LXT974/975
chips. Bits A4:2 of the 5-bit PHY address are assigned as the LXT974/975 address. Bits A1:0 are
assigned as port addresses 0 through 3. The LXT974/975 supports 12 internal registers per port (48
total), each of which is 16 bits wide.
Figure 7. Loopback Paths
Digital
Block
MII
Analog
Block
FX
Driver
TX
Driver
100TX
Loopback
100FX
Loopback
10T
Loopback
Table 14. Carrier Sense, Loopback, and Collision Conditions
Speed & Duplex Condition
Carrier Sense
Loopback
Collision
Full-Duplex at 10 Mbps or 100 Mbps
Receive Only
None
None
100 Mbps, Half-Duplex
Transmit or Receive
None
Transmit and Receive
10 Mbps, Half-Duplex, 19.11 = 0
Transmit or Receive
Yes
Transmit and Receive
10 Mbps, Half-Duplex, 19.11 = 1
Transmit or Receive
None
Transmit and Receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com