Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 27 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 27 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 23Page - Intel Corporation LXT975B Datasheet HTML 24Page - Intel Corporation LXT975B Datasheet HTML 25Page - Intel Corporation LXT975B Datasheet HTML 26Page - Intel Corporation LXT975B Datasheet HTML 27Page - Intel Corporation LXT975B Datasheet HTML 28Page - Intel Corporation LXT975B Datasheet HTML 29Page - Intel Corporation LXT975B Datasheet HTML 30Page - Intel Corporation LXT975B Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
27
2.3
Initialization
At power-up or reset, the LXT974/975 performs the initialization as shown in Figure 11. Control
mode selection is provided via the MDDIS pin as shown in Table 18. When MDDIS (pin 100) is
High, the LXT974/975 operates in Manual Control Mode. When MDDIS is Low, the LXT974/975
operates in MDIO Control Mode.
2.3.1
MDIO Control Mode
In the MDIO Control Mode, the LXT974/975 uses the Hardware Control Interface to set up initial
(default) values of the MDIO registers. The MDIO Register set for the LXT974/975 is described in
Table 44 through Table 55. Specific bits in the registers are referenced using an “X.Y” notation,
where X is the register number (0-6 or 16-20) and Y is the bit number (0-15). Once initial values
are set, bit control reverts to the MDIO interface.
2.3.2
Manual Control Mode
In the Manual Control Mode, LXT974/975 disables direct write operations to the MDIO registers
via the MDIO interface. The Hardware Control Interface is continuously monitored and the MDIO
registers are updated accordingly.
Table 17. Configuring the LXT974/975 with Auto-Negotiation Disabled
Desired Configuration1,2
Pin Settings
MDIO Registers
SD/TPn
per port
CFG_2
global
CFG_0
global
FDE
global
FDE_FX
0.8
0.13
19.2
Per Port (Fiber) Configuration
Fiber operation can be forced per port via SD/TPn pins when auto-negotiation is enabled. Per-port settings override the global
pin settings.
100FX Full-Duplex
Operation.
High or
PECL3
Ignored
Ignored
Ignored
High
1
1
1
100FX Half-Duplex
Operation.
High or
PECL3
Ignored
Ignored
Ignored
Low
0
1
1
Global (Twisted-Pair) Configuration5
Force 100TX Full-Duplex
Operation on all ports.4
Low
Low
High
High
Ignored
1
1
0
Force 100TX Half-Duplex
Operation on all ports.4
Low
Low
High
Low
Ignored
0
1
0
Force 10T Full-Duplex
Operation on all ports.
Low
Low
Low
High
Ignored
1
0
0
Force 10T Half-Duplex
Operation on all ports.
Low
Low
Low
Low
Ignored
0
0
0
1. Refer to Table 15 for basic configurations.
2. Refer to Table 16 for Hardware Control Interface functions advertised when auto-negotiation is enabled.
3. When SD/TPn is set High or to PECL levels, auto-negotiation is disabled and FDE_FX determines the duplex mode of the
port.
4. CFG_2, CFG_0, and SD/TPn must all be set for 100TX operation.
5. Fiber configuration must be selected on a per-port basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com