Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 51 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 51 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 47Page - Intel Corporation LXT975B Datasheet HTML 48Page - Intel Corporation LXT975B Datasheet HTML 49Page - Intel Corporation LXT975B Datasheet HTML 50Page - Intel Corporation LXT975B Datasheet HTML 51Page - Intel Corporation LXT975B Datasheet HTML 52Page - Intel Corporation LXT975B Datasheet HTML 53Page - Intel Corporation LXT975B Datasheet HTML 54Page - Intel Corporation LXT975B Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
51
Table 25. Digital I/O Characteristics - MII Pins)
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Input Low voltage
VIL
––
.8
V
–
Input High voltage
VIH
2.0
––
V
–
Input current
II
-100
–
100
µA0.0 < VI < VCC
Output Low voltage
VOL
––
0.4
V
IOL = 4 mA
Output High voltage
VOH
2.2
––
VIOH = -4 mA, VCC = 3.3V
VOH
2.4
––
VIOH = -4 mA, VCC = 5.0V
Driver output resistance
(Line driver output enabled)
RO1
50
100
200
Ω
VCC = 3.3V
RO1
50
100
200
Ω
VCC = 5.0V
1. Parameter is guaranteed by design; not subject to production testing.
Table 26. Required CLK25M Characteristics
Parameter
Sym
Min
Typ
Max
Units
Test Conditions
Input Low voltage
VIL
––
.8
V
–
Input High voltage
VIH
2.0
––
V
–
Input clock frequency tolerance1
∆f
––
± 100
ppm
Clock frequency is 25 MHz
Input clock duty cycle1
Tdc
40
–
60
%
–
1. Parameter is guaranteed by design; not subject to production testing.
Table 27. Low-Voltage Fault Detect Characteristics
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Detect fault threshold
VLT
3.4
–
4.0
V
–
Clear fault threshold
VLH
4.1
–
4.7
V
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
Table 28. 100BASE-TX Transceiver Characteristics
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Peak differential output voltage
VP
0.95
–
1.05
V
Note 2
Signal amplitude symmetry
Vss
98
–
102
%
Note 2
Signal rise/fall time
TRF
3.0
–
5.0
ns
Note 2
Rise/fall time symmetry
TRFS
––
0.5
ns
Note 2
Jitter (measured differentially)
––
0.7
1.4
ns
–
Duty cycle distortion
–––
+/- 0.5
ns
Offset from 16ns pulse width at
50% of pulse peak
Overshoot
VO
––
5%
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. Measured at the line side of the transformer, line replaced by 100
Ω(+/-1%) resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com