Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 69 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 69 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 65Page - Intel Corporation LXT975B Datasheet HTML 66Page - Intel Corporation LXT975B Datasheet HTML 67Page - Intel Corporation LXT975B Datasheet HTML 68Page - Intel Corporation LXT975B Datasheet HTML 69Page - Intel Corporation LXT975B Datasheet HTML 70Page - Intel Corporation LXT975B Datasheet HTML 71Page - Intel Corporation LXT975B Datasheet HTML 72Page - Intel Corporation LXT975B Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
69
16.7:6
LED_2 Select
Determine condition indicated by LED_2
R/W
0 0
bit 7
bit 6
Indication Setting
00
LEDn_2 indicates Link
01
LEDn_2 indicates Half-Duplex Status
10
LEDn_2 indicates 100 Mbps
11
LEDn_2 indicates Collision
16.5:4
LED_1 Select
Determine condition indicated by LED_1
R/W
0 0
bit 5
bit 4
Indication Setting
00
LEDn_1 indicates Receive Activity
01
LEDn_1 indicates Link
10
LEDn_1 indicates Half-Duplex Status
11
LEDn_1 indicates 100 Mbps
16.3:2
LED_0 Select
Determine condition indicated by LED_0
R/W
0 0
bit 3
bit 2
Indication Setting
00
LEDn_0 indicates Transmit Activity
01
LEDn_0 indicates Receive Activity
10
LEDn_0 indicates Link
11
LEDn_0 indicates Half-Duplex Status
16.1
Link Algorithm
1 = Enhanced link algorithm - Link goes down when 12 idle symbols in
a row are not received within 1 to 2 ms.
0 = Standard link algorithm - Link goes down when symbol error rate is
greater than 64/1024.
R/W
0
16.0
LED Extension
1 = Disable extension of LED active time for LEDn_<2:0>.
0 = Enable extension of LED active time for LEDn_<2:0>.
R/W
0
Table 52. Interrupt Enable Register (Address 17, Hex 11)
Bit
Name
Description
Type 1
Default
17.15:2
Reserved
Write as 0; ignore on read.
R/W
N/A
17.1
INTEN
1 = Enable interrupts. Must be enabled for bit 17.0 or 19.12 to be effective.
0 = Disable interrupts.
R/W
0
17.0
TINT
1 = Forces MDINT Low and sets bit 18.15 = 1. Also forces interrupt pulse
on MDIO when bit 19.12 = 1.
0 = Normal operation.
This bit is ignored unless the interrupt function is enabled (17.1 = 1).
R/W
0
1. R/W = Read /Write
Table 51. LED Configuration Register (Address 16, Hex 10)
Bit
Name
Description
Type 1
Default
1. R/W = Read /Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com