Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 62 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 62 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 58Page - Intel Corporation LXT975B Datasheet HTML 59Page - Intel Corporation LXT975B Datasheet HTML 60Page - Intel Corporation LXT975B Datasheet HTML 61Page - Intel Corporation LXT975B Datasheet HTML 62Page - Intel Corporation LXT975B Datasheet HTML 63Page - Intel Corporation LXT975B Datasheet HTML 64Page - Intel Corporation LXT975B Datasheet HTML 65Page - Intel Corporation LXT975B Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
62
Datasheet
Figure 38. Power Down Timing
Table 41. Power Down Timing Parameters
Parameter
Sym
Min
Typ
1
Max
Units
Power Down recovery time
tPDR
–
50
–
ms
1. Typical values are at 25° C and are for design aid only; not guaranteed and not subject to production testing.
Figure 39. Serial LED Timing
Table 42. Serial LED Timing Parameters
Parameter
Symbol
Min
Typ
1
Max
Units
LEDENA setup to LEDCLK falling edge
tena1
5
12
–
ns
LEDENA hold from LEDCLK falling edge
tena2
15
21
–
ns
LEDDAT setup to LEDCLK falling edge
tdat1
5
12
–
ns
LEDDAT hold from LEDCLK falling edge
tdat2
15
21
–
ns
1. Typical values are at 25° C and are for design aid only; they are not guaranteed and not subject to production testing.
tPDR
VCC
RESET
MDIO,etc
VCC = 4.75V
tena1
LEDENA
LEDCLK
LEDDAT
tena2
tdat1
tdat2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com