Electronic Components Datasheet Search
  English  ▼

X  

LXT975B Datasheet(PDF) 23 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 23 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 19Page - Intel Corporation LXT975B Datasheet HTML 20Page - Intel Corporation LXT975B Datasheet HTML 21Page - Intel Corporation LXT975B Datasheet HTML 22Page - Intel Corporation LXT975B Datasheet HTML 23Page - Intel Corporation LXT975B Datasheet HTML 24Page - Intel Corporation LXT975B Datasheet HTML 25Page - Intel Corporation LXT975B Datasheet HTML 26Page - Intel Corporation LXT975B Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
23
Carrier Sense
Carrier sense (CRS) is an asynchronous output. It is always generated when a packet is received
from the line and in some modes when a packet is transmitted.
On transmit, CRS is asserted on a 10 Mbps or 100 Mbps half-duplex link. Carrier sense is not
generated on transmit when the link is operating in full-duplex mode.
Usage of CRS for Interframe Gap (IFG) timing is not recommended for the following reasons:
• De-assertion time for CRS is slightly longer than assertion time. This causes IFG intervals to
appear somewhat shorter to the MAC than it actually is on the wire.
• CRS de-assertion is not aligned with TX_EN de-assertion on transmit loopbacks in half-
duplex mode.
Operational Loopback
Operational loopback is provided for 10 Mbps half-duplex links when bit 19.11 = 0. Data
transmitted by the MAC is looped back on the receive side of the MII. Operational loopback is not
provided for 100 Mbps links, full-duplex links, or when 19.11 = 1.
Test Loopback
A test loopback function is provided for diagnostic testing of the LXT974/LXT975. During test
loopback, twisted-pair and fiber interfaces are disabled. Data transmitted by the MAC is internally
looped back by the LXT974/975 and returned to the MAC.
Test loopback is available for 100TX, 100FX, and 10T operation. Test loopback is enabled by
setting bit 0.14 = 1, bit 0.8 = 1 (full-duplex), and bit 0.12 = 0 (disable auto-negotiation). The
desired mode of operation for test loopback is set using bits 0.13 and 19.2 as shown in Table 13.
Loopback paths for the three modes of operation are shown in Figure 7.
Table 13. Test Loopback Operation
Mode of Operation
Bit
19.2
0.13
10T Test Loopback
0
0
100TX Test Loopback
0
1
100FX Test Loopback
1
1
1. Bit 0.14 = 1, bit 0.8 = 1, and 0.12 = 0 must also be set to enable Test Loopback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com