Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 81Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 82Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 83Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 84Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 85Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 86Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 87Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 88Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 89Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 85 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
85
© 2015-2018 Dream S.A.S., France
12.
Recommended Board Layout
Like all HCMOS high integration ICs, following simple rules of board layout is mandatory for
reliable operations:
12.1. GND, VD33, VM, VC12, VD12 distribution, decoupling
All GND, VD33, VM, VC12, VD12 pins should be connected. A GND plane is strongly
recommended. The board GND, VD33, VM and VC12, VD12 distribution should be in grid form.
Recommended VD12 decoupling is 100nF+10nF at each VD12 pin of the IC with additional 10µFT
on two opposite sides
VC12 requires 10µFT +100nF on each pin.
Minimum recommended VM decoupling is 0.1µF at half of VM pins. 10nF should be connected at
the other half of VM pins. 10µFT should be also added on two opposite sides.
Recommended VD33 decoupling is 0.1µF at each VD33 pin.
VD33R requires a single 10µFT decoupling.
VD330 requires a single 100nF decoupling.
VD33U requires 10µFT+100nF+10nF capacitors.
12.2. Crystal
The paths between the crystal, the crystal compensation capacitors and the IC should be short
and shielded. The ground return from the compensation capacitors filter should be the GND plane
from the IC.
12.3. Busses
Parallel layout from D15-D0 and MA26-MA0/MD15-MD0 should be avoided. The D15-D0 bus is an
asynchronous type bus. Even on short distances, it can induce pulses on MA26-MA0/MD15-MD0
which can corrupt address and/or data on these busses.
A ground plane should be implemented below the D16-D0 bus, which connects both to the host
and to SAM5708B GND.
A ground plane should be implemented below the MA26-MA0/MD15-MD0 bus, which connects
both to the NOR Flash grounds and to SAM5708B.
A ground plane should be implemented below the MA18-MA0/MD15-MD0 bus, which connects
both to the SRAM grounds and to SAM5708B.
A ground plane should be implemented below the NDIO8-NDIO0 bus, which connects both to the
NAND Flash grounds and to SAM5708B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com