| Electronic Components Datasheet Search |
|
SAM5708B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SAM5708B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 89 page ![]() SAM5708B SAM5708B.pdf – Rev 14/05/2018 6 © 2015-2018 Dream S.A.S., France 1.7. On-chip memory Besides distributed memory in P24XT DSP cores (8 * 2Kx24-bit RAM for a total of 384kbits) and in communication controllers, the SAM5708B offers 1.4M bits of on-chip memory. One part of this memory (P16XT-RAM) is reserved for direct access by the P16XT (tightly coupled code/cache memory). The second part of this memory (MAIN-RAM) is used as data memory and can be accessed by any master through the asynchronous bus. The memory partitioning is configurable by firmware. The memory space is divided into 4 banks: Bank 0 has a size of 256kbits and is accessed by P16XT only. Banks 1 & 2 have a size of 384kbits and can be either used as code/cache memory for P16XT or as main data memory Bank 3 has a size of 384kbits and is always used as main data ram RAMCFG=’00’ RAMCFG=’01’ RAMCFG=’10’ P16XT RAM Main RAM P16XT RAM Main RAM P16XT RAM Main RAM Bank0 256 kbits 16kx16 - 16kx16 - 16kx16 - Bank1 384 kbits - 16kx24 24kx16 - 24kx16 - Bank2 384 kbits - 16kx24 - 16kx24 24kx16 - Bank3 384 kbits - 16kx24 - 16kx24 - 16kx24 Total 256kbits 16kx16 1152kbits 48kx24 640kbits 40kx16 768kbits 32kx24 1Mbits 64kx16 384kbits 16kx24 1.8. Multi-channel DMA controller The DMA controller is intended to perform high-speed memory-to-memory data transfers without using CPU resources: blocks can be copied from one source address to one destination address with a specified length, while both source and destination addresses are self-incremented. Taking advantage of the multi-layer architecture, this module can operate on several channels in parallel. Moreover, the DMA controller is able to automatically perform 24-bit to 16-bit transformation when data blocks are transferred from internal to external memories. For making the handling of delay lines easier, circular buffers are also supported. Main features: The DMA controller has 4 channels programmable block length and source & destination addresses supports word and burst transfers supports ring buffers transparent 24-bit to 16-bit transformation 1.9. Sample Cache System Thanks to its sample cache system, the SAM5708B can support up to 189 voices of polyphony with sound banks stored in SDRAM / NOR-Flash / NAND-Flash or Quad-SPI NOR-Flash. With NAND-Flash, cache memory must be extended in external SRAM/SDRAM. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |