Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SAM5708B Datasheet HTML 1Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 2Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 3Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 4Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 5Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 6Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 7Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 8Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
SAM5708B.pdf
– Rev 14/05/2018
1
© 2015-2018 Dream S.A.S., France
SAM5708B
AUDIO & MUSIC MULTI-DSP PROCESSOR
Key features
Dream DSP Array of 8 new 24bit/56bit DSP cores (P24XT) supporting 56bit MAC
operations (400M MAC/sec), vector processing, double precision instructions and
offering a rich set of hardware accelerated macro-instructions (including 48x48bit
multiply or double precision bi-quad filter)
New highly speed optimized 16bit CPU (P16XT) running at 200MHz, with optimized
instruction set for C compiler, interrupts, new fast 32-bit instructions, 512Kword max.
program code size
Built-in 1kbit eFuse for configuration and security (program code and sound bank
protection)
Built-in configurable fast Data/Effect RAM up to 48Kx24 (or 72Kx16), + 16Kx24 DSP
RAM
Built-in configurable fast Program Code/Cache RAM, on-the-fly code decryption
Multi-channel DMA for fast data transfers to external memories, supports circular
buffers and transparent 24- to 16-bit transformation
External memories: parallel or serial configurations through 1 or 2 separated ports with
flexible configurations (NOR Flash + SRAM/SDRAM, 8bit SLC NAND Flash (with ECC)
+ SRAM/SDRAM, Quad-SPI-NOR), up to 512MByte addressing space for NOR
Flashes, 8GByte for NAND Flashes
On-the-fly wave sample decryption (AES encryption format with high security)
8-bit parallel slave Port for external Host control and fast data transfer
Multi-purpose SPI (single or quad-SPI, mode 0) interface for Serial Flash, SD-Card, etc.
Serial MIDI IN/OUT interface (optional 2
nd I/F)
USB 2.0 High Speed port (HOST, DEVICE or Dual-Role) for USB-Disk (flash drive) or
AudioClass compliant Audio/MIDI interface function, and other USB functions
10/100 Mbps Ethernet MAC with RMII interface to external PHY
Up to 192kHz S/PDIF interface (IEC60958) with clock recovery (concurrent IN/OUT)
On-die synchronization PWM mechanism controlling external VCXO for audio
streaming from external sources
Up to 16 Audio channels IN, 16 Audio channels OUT, all Audio IN can be used in clock
slave mode
Direct connection to velocity keyboards (various types), LEDs, switches,
sliders/potentiometers/ modulation wheels, LCD or Graphic Display and others
Watchdog, Timers, Power reduction modes, unused primary interfaces can be used as
GPIOs
128-pin LQFP package
Typical applications
High Range Sound Module
KTV, Digital Mixers, Professional Studio Effect Devices etc.
©Dream 2015
, all cited trademarks belong to their respective owner. “Dream”, “Dream DSP Array”, are trademarks from Dream S.A.S. France.
Dream reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.


Similar Part No. - SAM5708B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAM5704B ETC1-SAM5704B Datasheet
1Mb / 89P
AUDIO & MUSIC MULTI-DSP PROCESSOR
More results

Similar Description - SAM5708B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
80-0207-A ETC1-80-0207-A Datasheet
259Kb / 8P
Speech And Music Processor
80-0211-C ETC1-80-0211-C Datasheet
349Kb / 12P
Speech And Music Processor
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
Audio DSP with Multi-Channel Audio CODEC
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
Audio Hub CODEC with Voice Processor DSP
logo
Asahi Kasei Microsystem...
AK7770 AKM-AK7770 Datasheet
412Kb / 22P
Audio DSP with Multi-Channel Audio CODEC
logo
List of Unclassifed Man...
SAM5504B ETC1-SAM5504B Datasheet
947Kb / 51P
AUDIO & MUSIC MULTI-DSP PROCESSOR
SAM5704B ETC1-SAM5704B Datasheet
1Mb / 89P
AUDIO & MUSIC MULTI-DSP PROCESSOR
SAM5716B ETC1-SAM5716B Datasheet
1Mb / 89P
AUDIO & MUSIC MULTI-DSP PROCESSOR
SAM5808B ETC1-SAM5808B Datasheet
1Mb / 83P
AUDIO & MUSIC MULTI-DSP PROCESSOR
SAM5916B ETC1-SAM5916B Datasheet
1Mb / 89P
AUDIO & MUSIC MULTI-DSP PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com