Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 36Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 37Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 38Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 39Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 40Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 41Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 42Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 43Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
40
© 2015-2018 Dream S.A.S., France
7. Electrical Characteristics
7.1.
Absolute Maximum Ratings(*)
Parameter
Symbol
Min
Typ
Max
Unit
Temperature under bias
-
-55
-
+125
°C
Storage temperature
-
-65
-
+150
°C
Voltage on 5 volt tolerant pin (5VT):
-
-0.3
-
5.5
V
Voltage on pin supplied by VM (MEM):
-
-0.3
-
VM+0.3
V
Voltage on standard pin supplied by VD33:
-
-0.3
-
VD33+0.3
V
Supply voltage
VD12
VC12
VD33
VM
-0.3
-0.3
-0.3
-0.3
-
-
-
-
1.32
1.32
3.63
3.63
V
V
V
V
*NOTICE: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these or
any other conditions beyond those indicated in the Recommended Operating Conditions of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
7.2.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Core supply voltage
VD12
1.1
1.2
1.3
V
PLL supply voltage
VC12
1.1
1.2
1.3
V
Periphery supply voltage
VD33
3
3.3
3.6
V
ADC supply voltage
VA33
3
3.3
3.6
V
Memory pads Supply voltage
VM
3
3.3
3.6
V
Operating ambient temperature
tA
0
-
70
°C
Pull Resistor on MC[2:0] and FS[1:0] pins
RCFG
4.7k
10k
22k
Ohm
7.2.1. Memory pads
Memory pads (MEM) of SAM5708B are LVTTL compliant. They allow direct interfacing with SDR
SDRAM devices.
Output Drive Strength of memory pads can be selected by firmware between Low ,Medium or High
(default).
Output Slew rate of memory pads can be selected between Fast (default) and Slow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com