Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 28Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 29Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 30Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 31Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 32Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 33Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 34Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 35Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
32
© 2015-2018 Dream S.A.S., France
4.3.13. Digital Audio as primary function
Pin name
Pin#
Type
Mem
Cfg
Description
CKOUT
97
Out DR4
1-6
Audio master clock for external DAC and ADC. Can be
programmed to be 128xFs, 192xFs, 256xFs, 384xFs,
512xFs, 768xFs, Fs being the DAC and ADC sampling rate.
MC0
97
In
1-6
Memory Config 0. This pin is sensed at power up.
MC2|MC1|MC0 setting allows boot ROM code to start the
right Memory Config.
CLBD
63
Out DR4
1-6
Audio bit clock for DABD0-DABD7 and for DAAD0-DAAD7.
FS1
63
In
1-6
Freq. Sense 1, sensed at power up. FS1|FS0 allows boot
ROM code to know operating freq. on oscillator OSC1 as
follow:
00->12MHz
01->9.6MHz,
10->11.2896MHz,
11->12.288MHz
WSBD
64
I/O DR4
1-6
Out by default: Audio left/right channel select for DABD0-
DABD7 and for DAAD0-DAAD7.
In: WSBD from external master audio device for full audio
sync without external VCXO. Same Master clock is needed
on SAM5708B and external master device.
FS0
64
In
1-6
Freq. Sense 0, sensed at power up. FS1|FS0 allows boot
ROM code to know operating freq on OSC1 (see FS1).
DAAD0
99
In (PD)
1,2,6
Stereo audio digital input 0, I2S or MSB format.
SPDIF_IN
99
In (PD)
1,2,6
SPDIF input.
P2.0
99
I/O (PD)
DR4
1,2,6
General purpose I/O pin.
DAAD0
10
In (PD)
3-5
Stereo audio digital input 0, I2S or MSB format.
SPDIF_IN
10
In (PD)
3-5
SPDIF input.
P2.0
10
I/O (PD)
DR4
3-5
General purpose I/O pin.
DAAD1
68
In 5VT (PD)
1,3,5
Stereo audio digital input 1, I2S or MSB format.
PWM_OUT
68
Out DR8
1,3,5
Pulse Width Modulation Output for main clock enslavement
on clock from SPDIF In or USB Audio
P2.1
68
I/O 5VT
(PD) DR8
1,3,5
General purpose I/O pin.
DAAD1
18
In MEM
(PD)
2,4
Stereo audio digital input 1, I2S or MSB format.
PWM_OUT
18
Out MEM
2,4
Pulse Width Modulation Output for main clock enslavement
on clock from SPDIF In or USB Audio
P2.1
18
I/O MEM
(PD)
2,4
General purpose I/O pin.
DAAD1
26
In MEM
(PD)
6
Stereo audio digital input 1, I2S or MSB format.
PWM_OUT
26
Out MEM
6
Pulse Width Modulation Output for main clock enslavement
on clock from SPDIF In or USB Audio
P2.1
26
I/O MEM
(PD)
6
General purpose I/O pin.
DAAD2
70
In (PD)
1-4
Stereo audio digital input 2, I2S or MSB format.
MIDI_OUT2
70
Out DR12
1-4
Additional Serial MIDI Out.
P2.2
70
I/O (PD)
DR12
1-4
General purpose I/O pin.
DAAD2
99
In (PD)
5
Stereo audio digital input 2, I2S or MSB format.
MIDI_OUT2
99
Out DR4
5
Additional Serial MIDI Out.
P2.2
99
I/O (PD)
DR4
5
General purpose I/O pin.
DAAD3
68
In 5VT (PD)
2,4
Stereo audio digital input 3, I2S or MSB format.
P2.3
68
I/O 5VT
(PD) DR8
2,4
General purpose I/O pin.
DAAD3
104
In (PD)
5
Stereo audio digital input 3, I2S or MSB format.
P2.3
104
I/O (PD)
DR4
5
General purpose I/O pin.
DAAD4
103
In 5VT (PD)
2,5
Stereo audio digital input 4, I2S or MSB format.
P2.4
103
I/O 5VT
(PD) DR8
2,5
General purpose I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com