Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 40Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 41Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 42Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 43Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 44Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 45Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 46Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 47Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
44
© 2015-2018 Dream S.A.S., France
8. Peripherals and Timings
A built-in PLL multiplies the Xtal clock frequency by a variable multiplication factor (typ. x16) to
generate the internal chip system clock (
“SysClk”, typ. 196.6MHz @ 12.288MHz quartz).
“spck” is the period of the internal clock. Typical value with Xtal = 12.288 MHz is spck = 5.1 ns.
Another clock MemClk is generated from SysClk for NOR Flash, SRAM, and SDRAM controllers.
mpck is the period of MemClk.
mpck = spck or spck*2. Typical values with Xtal = 12.288 MHz are mpck = 10.2 ns or 5.1 ns.
8.1.
NOR Flash external memory
Pins used:
MA26-MA0: Address out
MD15-MD0: Data bi-directional
NRCS0/, NRCS1/: chip select
MOE/: Output enable
MWE/: Write enable
8.1.1. NOR Flash READ CYCLE
MemClk
MA[26:0]
MOE/
NOR Flash, single read access, N=6, Nt=1
N = MemClk Cycle Number from NRCSx/ low to MOE/ high
N can be set in range 2-16
trdc
MD[15:0]
NRCSx/
tavdv
tavoel
VALID
VALID
tpoe
tbta
Nt = MemClk Cycle Number from MOE/ high to NRCSx/ high
Nt can be set in range 0-15
tds
tdh
toedv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com