Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 37Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 38Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 39Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 40Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 41Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 42Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 43Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 44Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
41
© 2015-2018 Dream S.A.S., France
7.2.1.1.
SDR SDRAM, FLASH, SRAM OR GPIO OPERATION (LVTTL mode)
When using SDR SDRAM, FLASH, SRAM or GPIO signals, it is recommended to use the following
schematic for each connected memory pad.
VM
GND
SAM5708B Domain
(Driver Port)
SAM5708B Domain
(Receiver Port)
PCB Domain
RS
LVTTL
VM = 3.3V
RS = 10 Ohm
RS should be implemented in the middle of the lead-in or close to the transmitting device.
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VM
3
3.3
3.6
V
Serial resistor: High drive output
RS
8.2
10
12
Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com