Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 3Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 4Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 5Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 6Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 7Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 8Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 9Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 10Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
7
© 2015-2018 Dream S.A.S., France
1.10. Two-port memory controller
The two-port memory controller enables the SAM5708B to interface with various, parallel or serial,
memory types:
Config
Port0
Port1
KBD Interface
1
16-bit SDRAM + NOR Flash
-
No
2
16-bit SRAM + NOR Flash
-
No
3
16-bit SDRAM
8-bit SLC NAND Flash (with ECC)
No
4
16-bit SRAM
8-bit SLC NAND Flash (with ECC)
No
5
16-bit SRAM
-
No
6
QuadSPI-SRAM
QuadSPI-NOR
Yes
Memory configurations are defined with pull-resistors externally connected to dedicated pins and
are read by boot program at power-up from dedicated pins or fuse bits.
Configuration 6 with low pin-count serial memory interfaces is dedicated to keyboard applications.
For the storage of sound banks, address lines support
 up to 2 x 256MBytes of non-volatile NOR Flash memory
 up to 2 x 4GBytes of non-volatile NAND Flash memory
The two-port memory controller handles transfer requests initiated by masters like P16XT CPU,
P24XT DSP cores, DMA controller, Sample cache system or other communication controllers
through both XBUS asynchronous busses.
Control registers are accessed by the P16XT for defining configuration and optimizing frequency
and latency parameters. Burst transfers are always initiated when possible.
1.11. Router: final ACC, MIX, audio out, audio in
This block includes a RAM, accessed through the Async Bus, which defines the routing from the
Sync Bus to/from the Audio I/O or back to the Sync Bus (mix send). It takes care of mix and
accumulation from Sync Bus samples. 16 channels of audio in and 16 channels of audio out are
provided (8 stereo in/out, I2S or MSB Left format). The stereo audio in channel may have a
different sampling rate than the audio out channels. In this case, one or more P24s take care of
sampling rate conversion.
1.12. External Host Interface
The Host Parallel Interface is used for fast read/write transfers between an external host processor
and the SAM5708B. E.g. it allows an external host to be a master for fast data transfer to
SAM5708B connected memories (the handshake protocol for the fast data transfer is driven by the
firmware).
This module is connected internally to asynchronous busses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com