Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 61Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 62Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 63Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 64Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 65Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 66Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 67Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 68Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
65
© 2015-2018 Dream S.A.S., France
Host write should be done with following steps:
a) Read status (A0=1). If bit RF=0, go to step b). If bit RF=1, read again status till bit RF going to 0.
b) Write new data (A0=0) or new control (A0=1)
Note about step a):
There are two different cases for RF bit being 1:
- RF bit is 1 because FIFO of P16 is full. RF bit will go low again as soon as P16 is reading some
bytes of the FIFO in order to have some free space again inside fifo and then is clearing bit 7
(FIFULL) of port 1 (CONTROL/STATUS). This time is firmware dependant.
- RF bit is 1 because previous host write has still not been written into the P16 FIFO. This case can
happen if P16 is executing a long instruction. The writing will be indeed performed only when P16
has finished the instruction.
8.8.2. Host Parallel Interface mode 1 (fast data transfer)
Pins used in mode 1 (A1=1):
D7-D0 or D15-D0 (I/O)
CS/ (input)
A1-
A0 (input): Addresses from host (input), A1=1 to select mode 1, A0 is “don’t care”.
WR/ (input)
RD/ (input)
XFR_RDY (output)
This interface is used for fast read/write transfer between host processor and SAM5708B. Typical
applications are direct fast sound bank transfer from host to SDRAM and streaming audio.
However, any other devices connected to internal async bus of SAM5708B can be also accessed
by host through this interface (other external memories, internal ram, router and P24 memories,
etc…). Single or burst read/write modes are available. Read/write mode is selected by firmware
8.8.2.1.
HPI mode 1, Read Timing
tcslrdl
CS/
RD/
A[1:0]
D[15:0]
XFR_RDY
tprd
trdhcsh
tavdv
tarh
trdldv
tdrh
trdhdrl
tpdrrd
XFR 16-bit, single read cycle
tavrdh
tdvrdh
tdah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com