Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 60Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 61Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 62Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 63Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 64Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 65Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 66Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 67Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
64
© 2015-2018 Dream S.A.S., France
tcslwrl
CS/
WR/
D[7:0]
tpwr
twrhcsh
tavwrh
tawh
tdvwrh
tdwh
HPI mode 0, write cycle
A[1:0]
Parameter
Symbol
Min
Typ
Max
Unit
Chip select low to WR/ low
tcslwrl
2
-
-
ns
WR/ pulse width
tpwr
5
-
-
ns
WR/ high to CS/ high
twrhcsh
3
-
-
ns
Address valid to WR/ high
tavwrh
3
-
-
ns
Data valid to WR/ high
tdvwrh
3
-
-
ns
Address out hold from WR/
tawh
3
-
-
ns
Data out hold from WR/
tdwh
3
-
-
ns
Notes:
1. tcslwrl Min and twrhcsh Min can be reduced to 0 ns if 3 ns are added to tpwr Min, tawh Min,
tdwh Min, tavwrh Min, tdvwrh Min
8.8.1.2.
HPI mode 0, IO Status Register
TE
RF
X
X
ID3 ID2 ID1 ID0
Status register is read when A1=0, A0=1, RD/=0, CS/=0
- TE: Transmit Empty: This bit is 1 when nothing is transmitted from SAM5708B to host. If 0, data
from SAM5708B to host is pending and IRQ pin is high. Host reading the data with pin A0=0 sets
TE to 1 and clear IRQ. TE bit is actually reflecting inverted value of IRQ pin (IRQ/).
- RF: Receiver Full: Host should not write any data or control to SAM5708B if this bit is 1. When 0,
then SAM5708B is ready to accept data from host.
- ID[3:0]: these 4 bits are firmware dependant and may be used for defining type of data sent by
SAM5708B in case of multiple flows of data.
Host read should be performed with following steps:
a) Nothing to read if IRQ pin is low. First wait for IRQ pin being high
b) Read status (A0=1) to get ID[3:0] (this step is optional if ID[3:0] bits are not used and not
defined by firmware)
c) Read data (A0=0) (IRQ goes low at the end of read cycle, on rising edge of RD/ signal)
d) Wait for IRQ pin being high again…
Note: On steps a) and d), if IRQ pin is not connected and not used, host can also read status and
wait for TE bit=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com