Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 68Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 69Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 70Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 71Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 72Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 73Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 74Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 75Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
72
© 2015-2018 Dream S.A.S., France
8.11. I²S Digital audio
Pins used:
CLBD, WSBD (outputs): Audio clocks
DABD7-0: Digital audio outputs (8 * 2 channels)
DAAD7-0: Digital audio inputs(8 * 2 channels)
And optionally
XCLBD0-XWSBD0, XCLBD0-XWSBD0 (inputs): 2 pairs of external clocks for slave mode on
DAAD7-0 inputs.
The SAM5708B allows for 16 digital audio output channels and 16 digital audio input channels. All
audio channels are normally synchronized on single clocks CLBD, WSBD which are derived from
the IC crystal oscillator. However, as a firmware option, the DAAD7-0 inputs can be individually
synchronized with incoming XCLBD and XWSBD signals. In this case, the incoming sampling
frequencies must be lower or equal to the chip sampling frequency.
The digital audio timing follows the I2S or MSB left standard, with up to 24 bits per sample
The choice of clock factors is done by the firmware. As an example, table below show some
possible clock combinations with 12.288MHz Xtal.
Sampling Rate @
Xtal=12.288MHz
CKOUT freq
CKOUT/WSBD
freq ratio
CLBD freq
CLBD/WSBD
freq ratio
48kHz
12.288MHz
256
3.072MHz
64
48kHz
24.576MHz
512
3.072MHz
64
96kHz
12.288MHz
128
6.144MHz
64
96kHz
24.576MHz
256
6.144MHz
64
192kHz
24.576MHz
128
12.288MHz
64
Note: WSBD/CLBD ratio is always 64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com