Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 53Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 54Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 55Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 56Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 57Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 58Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 59Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 60Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
57
© 2015-2018 Dream S.A.S., France
8.4.
NAND Flash interface
8.4.1. Overview
SAM5708B can access to NAND Flash device in two ways:
 Direct communication through the NAND Flash controller. Used by P16 for NAND bad block
management
 Communication through a built-in NAND Flash sequencer that will take care of transfers from
the NAND Flash device to the external RAM buffer by automatically writing in NAND Flash
controller registers. Used by sample cache module to feed P24 requests.
NAND Flash controller has following features:
 Handles automatic Read/write transfer through 2x2112 byte SRAM buffer
 DMA support
 Support SLC NAND Flash technology
 Programmable timing on SysClk basis
 Programmable Flash Data width 8-bit or 16-bit
 Automatic error correction while reading or writing with 4D-Hamming (up to 9 bit errors
correction)
 Support Enhanced Data Output (EDO)
Pins used:
NDIO7-0: I/O for Address, Data and Command transfer on 8-bit width.
NDCE0/, NDCE1/: Chip Enable
NDALE: Address Latch Enable.
NDCLE: Command Latch Enable
NDWE/: Write Enable
NDRE/: Read Enable
NDR|B/: Ready Busy status
8.4.2. NAND Flash features
The NAND flash devices that can be used with SAM5708B need to have the following features:
-
SLC technology
-
ONFI compliant
-
Read Cache Random (00h/31h) and Read Cache End commands support (3Fh)
-
2kByte or 4kByte page size
-
in case of multi-plane organization, it must support interleave (multi-plane)
operations and must have the 'No block address restrictions' set inside its
interleaved operation attributes
-
spare area at least 64 Bytes (for hamming ECC) by 2kBytes area
-
page per block: 64,128, 256 or 512
-
5 address cycles max
-
8 GByte size max
-
8-bit bus width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com