Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 66Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 67Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 68Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 69Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 70Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 71Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 72Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 73Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
70
© 2015-2018 Dream S.A.S., France
Parameter
Symbol
Min
Typ
Max
Unit
Chip select low to WR/ low
tcslwrl
2
(see note 1)
-
-
ns
WR/ pulse width
tpwr
5
-
-
ns
WR/ high to WR/ low
twrhwrl
5
-
-
ns
WR/ high to CS/ high
twrhcsh
3
(see note 1)
-
-
ns
Address valid to WR/ high
tavwrh
3
-
-
ns
Data valid to WR/ high
tdvwrh
3
-
-
ns
Address out hold from WR/
tawh
3
-
-
ns
Data out hold from WR/
tdwh
3
-
-
ns
WR/ high to XFR_RDY low
twrhdrl
-
-
10
ns
XFR_RDY pulse width in write mode
tpdrwr
15
-
-
ns
Notes:
2. tcslwrl Min and twrhcsh Min can be reduced to 0 ns if 3 ns are added to tpwr Min, tawh Min,
tdwh Min, tavwrh Min, tdvwrh Min
8.8.2.3.
Timing examples for sound bank loading via HPI mode 1
1) SDRAM, burst x8, 8-bit mode, no traffic (all P24 stopped)
XFR_READY low typ = 15 to 45 ns
Time for transferring 1Kx16 : Write mode=25us, Read mode=32us
---> write a 256Mx16 sound bank = less than 7 seconds
2) SDRAM, burst x8, 16-bit mode, high traffic (all P24 on, 256 voice poly accessing also SDRAM
simultaneously)
XFR_READY low typ = 250ns to 400ns (write mode), 150ns to 250ns (read mode)
Time for transferring 1Kx16 : Write mode=47us, Read mode=37us
---> write a 256Mx16 sound bank = less than 14 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com