Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 59Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 60Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 61Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 62Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 63Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 64Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 65Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 66Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
63
© 2015-2018 Dream S.A.S., France
8.8.
Host Parallel Interface
This interface is used to connect the SAM5708B to an external host processor for control and fast
data transfer. Firmware can be downloaded at power-up through this interface.
8.8.1. Host Parallel Interface (HPI) mode 0
Pins used in mode 0 (A1=0):
D7-D0: 8-bit Data I/O
CS/: Chip Select from host (input)
A1-A0: Addresses from host (input), A1=0 to select mode 0, A0 for data selection
WR/: Write from host (input)
RD/: Read from host (input)
IRQ (optional): Interrupt Request (output)
This mode is typically used to send MIDI messages or other control data from the Host CPU
(master) to the SAM5708B (slave).
8.8.1.1.
HPI mode 0, Timings
tcslrdl
CS/
RD/
A[1:0]
D[7:0]
tprd
trdhcsh
tavdv
tarh
trdldv
tdrh
HPI mode 0, read cycle
tavrdh
tdvrdh
tdah
Parameter
Symbol
Min
Typ
Max
Unit
Chip select low to RD/ low
tcslrdl
2
-
-
ns
RD/ pulse width
tprd
10
-
-
ns
RD/ high to CS/ high
trdhcsh
3
-
-
ns
Address valid to RD/ high
tavrdh
3
-
-
ns
Address valid to data valid
tavdv
-
-
10
ns
RD/ low to data valid
trdldv
-
-
10
ns
Data valid to RD/ high
tdvrdh
3
-
-
ns
Address out hold from RD/
tarh
3
-
-
ns
Data out hold from RD/
tdrh
0
-
10
ns
Data out hold from address out
tdah
0
-
10
ns
Notes:
1. tcslrdl Min and trdhcsh Min can be reduced to 0 ns if 3 ns are added to tprd Min, tarh Min,
tdrh Min, tavrdh Min, tdvrdh Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com