Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 67Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 68Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 69Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 70Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 71Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 72Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 73Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 74Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
71
© 2015-2018 Dream S.A.S., France
8.9.
Serial Slave Asynchronous Interface (UART / MIDI)
The SAM5708B can be controlled by an external host processor through this bidirectional serial
interface.
Pins used:
MIDI_IN1, MIDI_OUT1: UART / MIDI port 1
MIDI_IN2, MIDI_OUT2: UART / MIDI port 2
The serial signals on MIDI_IN and MIDI_OUT pins are asynchronous signals following the UART /
MIDI transmission standard:
Baud rate: programmable up to >400kb/s, typically 31.25 kb/s (MIDI) or 38.4kb/s (COM)
Format: start bit (0), 8 data bits, stop bit (1)
8.10. Serial Slave Synchronous Interface
The SAM5708B can be controlled by an external host processor through this unidirectional serial
interface.
Pins used:
SSCLK, SSYNC, SSDIN (input)
SSINT/ (output)
Data is shifted MSB first. SAM5708B samples an incoming SSDIN bit on the rising edge of
SSCLK, therefore the host should change SSDIN on the negative SCLK edge.
SSYNC allows initial synchronization. The rising edge of SSYNC, which should occur with SSCLK
low, indicates that SSDIN will hold MSB data on the next rising SSCLK.
The data is stored internally into a FIFO. Size of FIFO is firmware dependent. Minimum size is 128
bytes. Host should stop sending data as soon as SSINT/ goes high.
When the FIFO count is below 64, the SSINT/ output goes low. This allows the host processor to
send data in burst mode.
The maximum SSCLK frequency is fsck/4 (fsck being the system clock frequency. fsck =1/spck).
The minimum time between two bytes is 256 spck.
The contents of the SSDIN data are defined by the firmware.
MSB
SCLK
SDIN
Serial Slave Interface typical timing
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com