Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 55Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 56Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 57Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 58Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 59Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 60Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 61Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 62Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
59
© 2015-2018 Dream S.A.S., France
8.5.
Multi-purpose Quad SPI interface
This is a master synchronous serial interface, operating in Single or Quad SPI mode 0.
Quad SPI mode is driven by a powerful QSPI controller with following features:
- Handles automatic Read/write transfer through standard P16 instructions
- Programmable address and data formats
- Programmable data bit number
- Programmable clock up to 100MHz
- Multi-burst mode
Single SPI mode can be driven by the QSPI controller, but also by a Simple SPI interface through
two IO registers.
Pins used in Single SPI:
SPICK: Clock output
SPICS0/, SPICS1/, SPICS2/, SPICS3/: Chip select for up to 4 devices
SPI0: Serial Output to be connected to SI input of SPI peripheral (MOSI)
SPI1: Serial Input to be connected to SO output of SPI peripheral (MISO)
Pins used in Quad SPI:
SPICK: Clock output
SPICS0/, SPICS1/, SPICS2/, SPICS3/: Chip select for up to 4 devices
SPI0: Serial IO0 for Quad commands and data
SPI1: Serial IO1 for Quad commands and data
SPI2: Serial IO2 for Quad commands and data
SPI3: Serial IO3 for Quad commands and data
8.5.1. Timing
SPICK
SPI0(SI)
SPI Single Bit Output
SPICSx/
tcss
MSB OUT
LSB OUT
tos
toh
tch
tcl
tcs
tcsh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com