Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 79Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 80Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 81Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 82Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 83Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 84Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 85Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 86Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
83
© 2015-2018 Dream S.A.S., France
11.
Reset and Power Down
During power-up, the RST/ input should be held low until the core is stabilized in reset state, which
takes 10ms Max.
After the low to high transition of RST/, following happens:
- Oscillator OSC1 is started
- P16 program execution starts in built-in ROM
- PLL is started and stabilized after 2.5 ms typ
- P16 application program loading starts.
If RST/ is asserted low then the crystal oscillators and PLLs will be stopped.
Other power reduction features allowing warm restart are controlled by firmware:
P24s can be individually stopped
The clock frequency can be internally divided by 256
ADC can be disabled
Controllers for USB, Ethernet or SDRAM can be individually switched off
11.1. Power-up sequence
At power-up the following sequence is executed:
1. STIN is sensed. If HIGH, then the built-in debugger is started.
2. If MC2-0 bits were preprogrammed they are read from eFuse. Otherwise MC2-0 pins are
sensed and corresponding Memory Config is set
3. ROM boot tries to identify source for firmware.
For that it tries to find “DR” marker for Dream
firmware. This step is done in slow mode (PLL not started). During this step, rom boot set the
minimum of primary functions to avoid any potential conflict of some pins. Accesses to
memories are done with longest access time, most simple protocol (accessing for example
Quad SPI memory in single mode rather than quad mode). ROM boot searches source in
following order:
a) Main Memory. According to Memory Config, Main Memory can be: NOR Flash, NAND
Flash, Quad Nor Flash
b) Multi-Purpose Quad SPI
4. If valid firmware has not been found, firmware download from a host processor is assumed into
internal RAM (56k x16 max) via Host Parallel Interface.
a) The byte 0ACh is written to the host. The host checks status and can recognize that the
chip is ready to accept program download.
b) The host sends the Boot_Info table (low byte first, 20 * 2 bytes). Boot_Info table contains
info on firmware size, primary and secondary functions setting, memory and software
config. The Boot_Info table is generated by SamVS , and is located in the firmware binary
file at word addresses 1-20.
c) SAM5708B sends ACh when initializations are ready
d) The host sends the SAM5708B firmware binary from word address 400h, 2*DownLoadSize
bytes, low byte first.
"DownLoadSize" is defined in the Boot_Info table at word address 3.
e) The byte 0ACh is written to the host. The host checks status and can recognize that the
chip has accepted the firmware.
f)
SAM5708B starts the firmware.
Note: Be aware that at boot time the IRQ signal is not used, the Host CPU must read the port
status register (TE/RF bits) before sending or reading a data byte to/from SAM5708B via 8-bit
parallel port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com