Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 4Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 5Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 6Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 7Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 8Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 9Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 10Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 11Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
8
© 2015-2018 Dream S.A.S., France
1.13. Versatile I/O
’s and GPIO’s
Most of the IO pads, when not used for primary (or secondary) specific functions, remain available
as firmware programmable IO pads. Programmable IO functions are divided into 2 categories:
 Versatile IO’s when they can be controlled through asynchronous busses by either P16XT
or P24XT cores for keyboard scanning, sliders, switches and LED’s control.
 General Purpose IO’s (GPIO’s) when accessible by the P16XT only for functionalities like
LCD Display control, …
1.14. High-speed USB 2.0 Port
USB Port allows the SAM5708B to connect it directly to
 a USB host such as a PC in device mode
 a USB device such as a mass storage USB key in host mode.
 USB Port supports also dual-role mode
USB Port has PHY on-die.
1.15. 10/100Mbit Ethernet MAC
The SAM5708B offers the capability to be directly connected to a network by way of an embedded
Ethernet MAC. The controller supports both 10M and 100M bits/sec. Low-pin count RMII protocol
is used for connection to external PHY.
1.16. S/PDIF
– Sony/Philips Digital Interface
The S/PDIF audio module allows the SAM5708B to receive and transmit digital audio concurrently.
The SAM5708B provides one single S/PDIF receiver with an input signal and one S/PDIF
transmitter with another output signal.
For synchronization purposes, the audio clock can be recovered from the incoming audio stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com