Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button SAM5708B Datasheet HTML 26Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 27Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 28Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 29Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 30Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 31Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 32Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 33Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
30
© 2015-2018 Dream S.A.S., France
4.3.9. NOR Flash and SRAM as primary function
Pin name
Pin#
Type
Mem
Cfg
Description
MA16-MA18
71-73
Out DR8
1,2,4,5
Address
bits
for
external
SRAM
and
NOR
Flash
memories, extension to 8Mbits (512kx16).
P1.0-P1.2
71-73
I/O 5VT
(PD) DR8
SR3
1,2,4,5
General purpose I/O pin.
MA19-MA26
76
78-84
Out DR8
1,2
Address bits for external SRAM and NOR Flash memory,
up to 2Gbit (256MByte).
XFR_RDY
83
Out DR8
1,2
Host parallel interface “Transfer Ready” output. When A1
= 1, this pin is reflecting status of current data read/write.
Before beginning next read/write, host has to check
XFR_RDY is 1
A1
84
In 5VT
1,2
Host parallel interface address 1:
A1=0 selects mode 0 for communication/control
A1=1 selects mode 1 for fast 8/16bit data transfer
P1.3-P1.10
76,
78-84
I/O 5VT
(PD) DR8
SR3
1,2
General purpose I/O pin.
MWE/
74
Out DR12
1,2,4,5
External SRAM and NOR Flash memories write enable,
active low.
P1.11
74
I/O (PU)
DR12 SR3
1,2,4,5
General purpose I/O pin.
MOE/
75
Out DR8
1,2,4,5
External SRAM and NOR Flash memory output enable,
active low.
P1.12
75
I/O 5VT
(PU) DR8
SR3
1,2,4,5
General purpose I/O pin.
NRCS0/
10
Out DR4
1,2
External NOR Flash memory chip select 0, active low.
P1.13
10
I/O (PU)
DR4 SR3
1,2
General purpose I/O pin.
NRCS1/
11
Out DR12
1,2
External NOR Flash memory chip select 1, active low.
P1.14
11
I/O (PU)
DR12
1,2
General purpose I/O pin.
SRCS/
69
Out DR4
2,4,5
External SRAM memory chip select, active low.
P1.15
69
I/O (PU)
DR4
2,4,5
General purpose I/O pin.
4.3.10. NAND Flash as primary function
Pin name
Pin#
Type
Mem
Cfg
Description
NDIO0-NDIO6
111-117
I/O DR8
3,4
Data bus for external 8-bit NAND Flash memory.
NDIO7
118
I/O DR4
NDCE0/
98
Out DR12
3,4
External NAND Flash memory chip select 0, active low
NDCE1/
99
Out DR4
3,4
External NAND Flash memory chip select 1, active low
P3.12
99
I/O (PU)
DR4
3,4
General purpose I/O pin.
NDR|B/
100
In 5VT
3,4
External NAND Flash Ready Busy/ status.
Indicates target array activity. External pull-up resistor is
needed if NAND Flash R|B/ is open-drain output.
NDALE
101
Out DR8
3,4
External NAND Flash Address Latch Enable.
Load an address from I/O[7:0] into the address register.
NDCLE
102
Out DR8
3,4
External NAND Flash Command Latch Enable.
Load a command from I/O[7:0] into the command register
NDWE/
103
Out DR8
3,4
External NAND Flash Write Enable.
Transfer
commands,
address,
and
serial
data
from
SAM5708B to the NAND Flash.
NDRE/
104
Out DR4
3,4
External NAND Flash Read Enable.
Transfer serial data from the NAND Flash to SAM5708B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com