Electronic Components Datasheet Search
  English  ▼

X  

SAM5708B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SAM5708B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5708B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SAM5708B Datasheet HTML 1Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 2Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 3Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 4Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 5Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 6Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 7Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 8Page - List of Unclassifed Manufacturers SAM5708B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
SAM5708B
SAM5708B.pdf
– Rev 14/05/2018
4
© 2015-2018 Dream S.A.S., France
1.3.
DSP Array
– 8 * P24XT
The SAM5708B is built around an Array of 8 new 24-bit DSP cores (P24XT).
Similarly to previous generation, each P24XT DSP core includes a 2k x 24 RAM and a 2k x 24
ROM. The RAM contains both data and DSP instructions, while the ROM contains typical
coefficients such as FFT cosines and windowing and micro-code for hardware accelerated micro-
instructions.
The P24 sends and receives audio samples through the Sync Bus at the frame rate (typically,
48kHz frame period = 2048 cycles at 98.8 MHz). For the transfer of all other data, the P24XT is
able to communicate in an asynchronous way through Async Busses. P24XT memories can be
accessed through the Async Bus by others.
A lot of operations can be performed with much more precision with new P24XT core.
For single-precision operations:
 Programmable 24-bit fixed format: 1.0.23, 1.2.21, 1.8.15 or 1.15.8
 56-bit MAC unit with 24-bit x 24-bit multiplication + 8 guard bits to prevent overflow issues
For double-precision operations:
 Programmable 48-bit fixed format: 1.0.47, 1.2.45, 1.8.39 or 1.15.32
 Large set of 48-bit Double Precision (DP) operations
The P24XT DSP core also offers hugely improved performances with a new and rich set of
hardware accelerated macro-instructions:
o
ADD, MUL, MAC operations on vectors can be performed with only one macro-
instruction, address pointers being self-incremented
o
ring buffer structures are supported in several vector instructions
o
several arithmetic operations are available: SIN, COS, DIV, LN, EXP, …
o
Operations on complex values in single and double precision
o
Polynomial calculation in single and double precision
o
Optimized filtering instructions: 1
st & 2nd order filters, programmable number of taps,
single or double precision
Based on polynomial interpolation, up to 24 sounds (at typical 48kHz frame clock) with high quality
filtering can be synthesized within one P24XT and up to 50M of 56-bit MAC operations can be
performed per second.
1.4.
Sync Bus
The Sync Bus transfers audio samples on a frame basis, typical frame rates being 44.1, 48, 96 &
192 kHz. Each frame is divided into 32 time slots. Each slot is divided into 8 bus cycles. Each
P24XT is assigned a hardwired time slot (16 to 31), during which it may provide 24-bit data to the
bus (up to 8 data samples). Each P24 can read data on the bus at any time, allowing inter P24
communication at the current sampling rate. Slots 0 to 15 are reserved for a specific router DSP,
which also handles audio out, audio in, and remix send.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com