Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 222 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 222 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 218Page - Infineon Technologies AG C161 Datasheet HTML 219Page - Infineon Technologies AG C161 Datasheet HTML 220Page - Infineon Technologies AG C161 Datasheet HTML 221Page - Infineon Technologies AG C161 Datasheet HTML 222Page - Infineon Technologies AG C161 Datasheet HTML 223Page - Infineon Technologies AG C161 Datasheet HTML 224Page - Infineon Technologies AG C161 Datasheet HTML 225Page - Infineon Technologies AG C161 Datasheet HTML 226Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 400 page
background image
&3,
7KH*HQHUDO 3XUSRVH 7LPHU8QLWV
User’s Manual
10-30
1999-08
Timer T5 in Counter Mode
Counter mode for the auxiliary timer T5 is selected by setting bit field T5M in register
T5CON to ‘001
B’. In counter mode timer T5 can be clocked by a transition of timer T6’s
output toggle latch T6OTL (i.e. timer concatenation).
The event causing an increment or decrement of the timer can be a positive, a negative,
or both a positive and a negative transition at the toggle latch T6OTL.
Bit field T5I in control register T5CON selects the triggering transition (see table below).
Note: Only state transitions of T6OTL which are caused by the overflows/underflows of
T6 will trigger the counter function of T5. Modifications of T6OTL via software will
NOT trigger the counter function of T5.
Table 10-8
GPT2 Auxiliary Timer (Counter Mode) Input Edge Selection
T5I
Triggering Edge for Counter Increment / Decrement
X 0 0
None. Counter T5 is disabled
0 0 1
Reserved. Do not use this combination.
0 1 0
Reserved. Do not use this combination.
0 1 1
Reserved. Do not use this combination.
1 0 1
Positive transition (rising edge) of output toggle latch T6OTL
1 1 0
Negative transition (falling edge) of output toggle latch T6OTL
1 1 1
Any transition (rising or falling edge) of output toggle latch T6OTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com