Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 219 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 219 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 215Page - Infineon Technologies AG C161 Datasheet HTML 216Page - Infineon Technologies AG C161 Datasheet HTML 217Page - Infineon Technologies AG C161 Datasheet HTML 218Page - Infineon Technologies AG C161 Datasheet HTML 219Page - Infineon Technologies AG C161 Datasheet HTML 220Page - Infineon Technologies AG C161 Datasheet HTML 221Page - Infineon Technologies AG C161 Datasheet HTML 222Page - Infineon Technologies AG C161 Datasheet HTML 223Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 400 page
background image
&3,
7KH*HQHUDO 3XUSRVH 7LPHU8QLWV
User’s Manual
10-27
1999-08
Timer 6 in Timer Mode
Timer mode for the core timer T6 is selected by setting bitfield T6M in register T6CON
to ‘000
B’. In this mode, T6 is clocked with the internal system clock divided by a
programmable prescaler, which is selected by bit field T6I. The input frequency
f
T6 for
timer T6 and its resolution
r
T6 are scaled linearly with lower clock frequencies fCPU, as
can be seen from the following formula:
Figure 10-17 Block Diagram of Core Timer T6 in Timer Mode
The timer input frequencies, resolution and periods which result from the selected
prescaler option are listed in the table below. This table also applies to the auxiliary timer
T5 in timer mode. Note that some numbers may be rounded to 3 significant digits.
Note: Bitfield T6M in register T6CON will be ‘000
B’ after reset. Do not modify this bitfield
to any other value.
Table 10-7
GPT2 Timer Input Frequencies, Resolution and Periods
f
CPU = 20MHz
Timer Input Selection T5I / T6I
000
B
001
B
010
B
011
B
100
B
101
B
110
B
111
B
Prescaler factor 4
8
16
32
64
128
256
512
Input Frequency 5
MHz
2.5
MHz
1.25
MHz
625
kHz
312.5
kHz
156.25
kHz
78.125
kHz
39.06
kHz
Resolution
200ns
400 ns 800 ns 1.6
µs3.2 µs6.4 µs12.8 µs 25.6 µs
Period
13 ms
26 ms
52.5 ms 105 ms 210 ms 420 ms 840 ms 1.68 s
f
T6 =
f
CPU
4 * 2
<T6I>
r
T6 [µs] =
f
CPU [MHz]
4 * 2
<T6I>
Core Timer Tx
TxOTL
Interrupt
Request
TxR
2n : 1
Txl
MCB02028C.VSD
f
CPU
Up/
Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com