Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 217 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 217 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 213Page - Infineon Technologies AG C161 Datasheet HTML 214Page - Infineon Technologies AG C161 Datasheet HTML 215Page - Infineon Technologies AG C161 Datasheet HTML 216Page - Infineon Technologies AG C161 Datasheet HTML 217Page - Infineon Technologies AG C161 Datasheet HTML 218Page - Infineon Technologies AG C161 Datasheet HTML 219Page - Infineon Technologies AG C161 Datasheet HTML 220Page - Infineon Technologies AG C161 Datasheet HTML 221Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 400 page
background image
&3,
7KH*HQHUDO 3XUSRVH 7LPHU8QLWV
User’s Manual
10-25
1999-08
10.2.1
GPT2 Core Timer T6
The operation of the core timer T6 is controlled by its bitaddressable control register
T6CON.
T6CON
Timer 6 Control Register
SFR (FF48
H/A4H)
Reset value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
T6
SR
---
-
T6
OTL
--
T6
UD
T6R
T6M
T6I
rw
-
-
-
-
rwh
-
-
rw
rw
rw
rw
Bit
Function
T6I
Timer 6 Input Selection
Depends on the Operating Mode, see respective sections.
T6M
Timer 6 Mode Control (Basic Operating Mode)
000: Timer Mode
001: Reserved. Do not use this combination.
010: Reserved. Do not use this combination.
011: Reserved. Do not use this combination.
1XX: Reserved. Do not use this combination.
T6R
Timer 6 Run Bit
0:
Timer / Counter 6 stops
1:
Timer / Counter 6 runs
T6UD
Timer 6 Up / Down Control
0:
Timer / Counter 6 counts up
1:
Timer / Counter 6 counts down
T6OTL
Timer 6 Output Toggle Latch
Toggles on each overflow / underflow of T6. Can be set or reset by
software.
T6SR
Timer 6 Reload Mode Enable
0:
Reload from register CAPREL Disabled
1:
Reload from register CAPREL Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com