Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 220 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 220 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 216Page - Infineon Technologies AG C161 Datasheet HTML 217Page - Infineon Technologies AG C161 Datasheet HTML 218Page - Infineon Technologies AG C161 Datasheet HTML 219Page - Infineon Technologies AG C161 Datasheet HTML 220Page - Infineon Technologies AG C161 Datasheet HTML 221Page - Infineon Technologies AG C161 Datasheet HTML 222Page - Infineon Technologies AG C161 Datasheet HTML 223Page - Infineon Technologies AG C161 Datasheet HTML 224Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 400 page
background image
&3,
7KH*HQHUDO 3XUSRVH 7LPHU8QLWV
User’s Manual
10-28
1999-08
10.2.2
GPT2 Auxiliary Timer T5
The auxiliary timer T5 can be configured for timer mode with the same options for the
timer frequencies as the core timer T6. In addition the auxiliary timer can be
concatenated with the core timer (operation in counter mode). Its contents may be
captured to register CAPREL upon a selectable trigger.
The individual configuration for timer T5 is determined by its bitaddressable control
register T5CON. Note that functions which are present in both timers of block GPT2 are
controlled in the same bit positions and in the same manner in each of the specific control
registers.
Note: The auxiliary timer has no output toggle latch and no alternate output function.
T5CON
Timer 5 Control Register
SFR (FF46
H/A3H)
Reset value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
T5
SC
T5
CLR
CI
-
CT3
-
T5
UDE
T5
UD
T5R
T5M
T5I
rw
rw
rw
-
rw
-
rw
rw
rw
rw
rw
Bit
Function
T5I
Timer 5 Input Selection
Depends on the Operating Mode, see respective sections.
T5M
Timer 5 Mode Control (Basic Operating Mode)
000: Timer Mode
001: Counter Mode
01x: Reserved. Do not use this combination.
1xx: Reserved. Do not use this combination.
T5R
Timer 5 Run Bit
0:
Timer / Counter 5 stops
1:
Timer / Counter 5 runs
T5UD
Timer 5 Up / Down Control
0:
Timer / Counter 5 counts up
1:
Timer / Counter 5 counts down
CT3
Timer 3 Capture Trigger Enable
0:
Capture trigger from pin CAPIN
1:
Capture trigger from T3 input pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com