Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 229 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 229 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 225Page - Infineon Technologies AG C161 Datasheet HTML 226Page - Infineon Technologies AG C161 Datasheet HTML 227Page - Infineon Technologies AG C161 Datasheet HTML 228Page - Infineon Technologies AG C161 Datasheet HTML 229Page - Infineon Technologies AG C161 Datasheet HTML 230Page - Infineon Technologies AG C161 Datasheet HTML 231Page - Infineon Technologies AG C161 Datasheet HTML 232Page - Infineon Technologies AG C161 Datasheet HTML 233Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 400 page
background image
&3,
7KH $V\QFKURQRXV6\QFKURQRXV 6HULDO ,QWHUIDFH
User’s Manual
11-1
1999-08
11
The Asynchronous/Synchronous Serial Interface
The Asynchronous/Synchronous Serial Interface ASC0 provides serial communication
between the C161PI and other microcontrollers, microprocessors or external
peripherals.
The ASC0 supports full-duplex asynchronous communication up to 780 KBaud and half-
duplex synchronous communication up to 3.1 MBaud (@ 25 MHz CPU clock). In
synchronous mode, data are transmitted or received synchronous to a shift clock which
is generated by the C161PI. In asynchronous mode, 8- or 9-bit data transfer, parity
generation, and the number of stop bits can be selected. Parity, framing, and overrun
error detection is provided to increase the reliability of data transfers. Transmission and
reception of data is double-buffered. For multiprocessor communication, a mechanism
to distinguish address from data bytes is included. Testing is supported by a loop-back
option. A 13-bit baud rate generator provides the ASC0 with a separate serial clock
signal.
Figure 11-1
SFRs and Port Pins associated with ASC0
S0TIC
S0TBIC
E
RXD0 / P3.11
TXD0 / P3.10
ODP3
Port 3 Open Drain Control Register
DP3
Port 3 Direction Control Register
S0BG
ASC0 Baud Rate Generator/Reload Reg.
S0TBUF ASC0 Transmit Buffer Register
S0TIC
ASC0 Transmit Interrupt Control Register
S0TBIC ASC0 Transmit Buffer Interrupt Ctrl. Reg.
P3
Port 3 Data Register
S0CON ASC0 Control Register
S0RBUF ASC0 Receive Buffer Register (read only)
S0RIC
ASC0 Receive Interrupt Control Register
S0EIC
ASC0 Error Interrupt Control Register
ODP3
E
Ports & Direction Control
Alternate Functions
Data Registers
Control Registers
Interrupt Control
S0BG
S0CON
DP3
P3
S0TBUF
S0RBUF
S0RIC
S0EIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com