Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 142 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 142 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 138Page - ASIX Electronics Corporation AX58200 Datasheet HTML 139Page - ASIX Electronics Corporation AX58200 Datasheet HTML 140Page - ASIX Electronics Corporation AX58200 Datasheet HTML 141Page - ASIX Electronics Corporation AX58200 Datasheet HTML 142Page - ASIX Electronics Corporation AX58200 Datasheet HTML 143Page - ASIX Electronics Corporation AX58200 Datasheet HTML 144Page - ASIX Electronics Corporation AX58200 Datasheet HTML 145Page - ASIX Electronics Corporation AX58200 Datasheet HTML 146Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 180 page
background image
142
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Power–up Sequence
Figure 3.10-1: Power-up Sequence Timing Diagram
Symbol
Parameter
Conditions
Min
Typ
Max Units
Trise3
3.3V power supply rise time.
From 0V to 3.3V.
-
400
-
us
Trise2
1.2V power supply rise time.
From 0V to 1.2V.
-
200
-
us
T23
VCCK rising to 1.2V to VCC3IO
rising to 3.3V interval.
-
200
-
us
Trst
RSTn asserted low level interval.
From VCC3IO rising to 3.3V to
RSTn going high.
-
40
-
us
Tclk
25MHz crystal oscillator start-up time.
From VCC3IO rising to 3.3V to
clock stable of 25MHz crystal
oscillator.
-
-
60
ms
TStartup
Startup time
PDI operational after power good,
without I2C EEPROM loading
error
-
-
70
ms
Note: The above typical timing data is measured from AX58200 test board.
Table 3.10-1: Power-up Sequence Timing Table
0V
3.3V
Trise3
0V
1.2V
Trise2
T23
Tclk
Trst
VCCK
/VCC12A_PLL
VCC3IO/VCC33A
RSTn
XSCI
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com