Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 138 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 138 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 134Page - ASIX Electronics Corporation AX58200 Datasheet HTML 135Page - ASIX Electronics Corporation AX58200 Datasheet HTML 136Page - ASIX Electronics Corporation AX58200 Datasheet HTML 137Page - ASIX Electronics Corporation AX58200 Datasheet HTML 138Page - ASIX Electronics Corporation AX58200 Datasheet HTML 139Page - ASIX Electronics Corporation AX58200 Datasheet HTML 140Page - ASIX Electronics Corporation AX58200 Datasheet HTML 141Page - ASIX Electronics Corporation AX58200 Datasheet HTML 142Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 180 page
background image
138
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
3.5.11 OP Amplifier (OPA)
The maximum values are obtained for VDD = 3.6 V and maximum ambient temperature (TA), and the typical
values for TA = 25 °C and VDD = 3.3 V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Units
AVDD
Analog supply voltage
2.4
3.6
V
TA
Temperature
-40
105
℃
IDD
Consumption current
AVDD=3.3V, Temperature=25 ℃
690
A
CMIR
Common mode input range
0
AV
DD
V
VOFFSET0
Input offset voltage(maximum calibration range)
[*2]
Tj = 25°C, No Load
4
mV
VCM = AVDD-10mV ~ AVDD-0.8V,
All Temp.
6
VOFFSET1
Input offset voltage(After offset calibration) [*2]
CALRVS =0: Other VCM
3.2
mV
CALRVS=0: VCM = AVDD-10mV
~ AVDD-0.8V
6.5
VOFFSET2
Input offset voltage(After offset calibration) [*2]
CALRVS =1: Other VCM
3
mV
CALRVS =1: VCM = AVDD-10mV
~ AVDD-0.8V
5.2
CMRR
Common Mode Rejection Ratio [*1]
90
dB
PSRR
Power Supply Rejection Ratio [*1]
73
117
dB
GBW
Bandwidth [*2]
8.2
MHz
SR
Slew rate [*2]
4.7
V/
s
VOHSAT
High saturation voltage [*2]
Rload=min. INPUT at AVDD
AVDD-
0.1
V
Rload=20K, INPUT at AVDD
AVDD-
0.02
VOLSAT
Low saturation voltage [*2]
Rload=min. INPUT at 0
100
mV
Rload=20K, INPUT at 0
20
PM
Phase Margin [*1]
62
degree
TWAKEUP
Wake up time from OFF state [*2]
2.8
5
s
RLOAD
Resistive load
4
k
Ω
CLOAD
Capacitive load
50
pF
Note:
1.
Guaranteed by design, not tested in production
2.
Guaranteed by characteristic, not tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com